| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4501 bảng dữ liệu(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4501 bảng dữ liệu(HTML) 29 Page - STMicroelectronics |
|
29 / 48 page ![]() DocID026394 Rev 1 29/48 AN4501 Selection of the output capacitor 47 The resulting output current ripple is: Equation 21: 6.3 Calculation of the output capacitor Ceramic capacitors are recommended. As they have a low ESR, we can first select the output capacitance, neglecting the contribution of ESRCOUT. The Equation 21 becomes: Extracting COUT yields: Equation 22: Once the output capacitor is chosen based on Equation 22, its ESR is known, and the contribution of the ESR to the output current ripple can be calculated, so that the assumption can be confirmed. I OUT PP , ΔV COUT ΔV COUT,ESR + R DOUT ---------------------------------------------------------------- == 1 Nb LED R DLED × -------------------------------------------- = I OUT D × C OUT F SW × ---------------------------------- ESR COUT I L PEAK , × + × I OUT PP MAX , , 1 Nb LED R DLED × -------------------------------------------- I OU T D MAX × C OUT MIN , F SW × ----------------------------------------------- × ∼ C OU T MIN , 1 Nb LED R DLED × -------------------------------------------- I OUT D MAX × I OU T PP MAX ,, F SW × -------------------------------------------------------- × = |