| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4501 bảng dữ liệu(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4501 bảng dữ liệu(HTML) 33 Page - STMicroelectronics |
|
33 / 48 page ![]() DocID026394 Rev 1 33/48 AN4501 Selection of the switching MOSFET 47 8.3.1 Conduction losses Figure 15. Typical current waveform of M1 in CCM The conduction losses of M1 are given by PM1,COND = RON,M1 x I²M1,RMS, where RON,M1 is the Rdson of the MOSFET M1 and IM1,RMS is the root means square current (see Section 8.5 for the calculation details): Equation 25: is in general negligible compared to 1 and the MOSFET RMS current is dominated by the term , which increases as D increases. The RMS current reaches its maximum value at VIN,MIN: Finally, the conduction losses are given by: I M1 R MS , I OUT 1D – ------------- D1 1 12 ------ I LPP , I L -------------- 2 + × = 1 12 ------ I LPP , I L -------------- 2 D 1D – ------------- I M1 RMS M AX , , I OUT 1D MAX – ------------------------- D MAX 1 I L,PP(VINMIN) 2 12 I OUT 1D MAX – ------------------------- 2 × ----------------------------------------------- + × = P M1 COND , R ON M1 , I OUT 1D MAX – ------------------------- 2 D MAX 1 I L,PP(VINMIN) 2 12 I OU T 1D MAX – ------------------------- 2 × ----------------------------------------------- + × × × = |