công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3350 bảng dữ liệu(PDF) 44 Page - STMicroelectronics

tên linh kiện AN3350
Giải thích chi tiết về linh kiện  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 bảng dữ liệu(HTML) 44 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 40Page - STMicroelectronics AN3350 Datasheet HTML 41Page - STMicroelectronics AN3350 Datasheet HTML 42Page - STMicroelectronics AN3350 Datasheet HTML 43Page - STMicroelectronics AN3350 Datasheet HTML 44Page - STMicroelectronics AN3350 Datasheet HTML 45Page - STMicroelectronics AN3350 Datasheet HTML 46Page - STMicroelectronics AN3350 Datasheet HTML 47Page - STMicroelectronics AN3350 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 185 page
background image
Command-line options for preprocessing
AN3350
44/185
Doc ID 018512 Rev 2
Remarks
This option is global and case-sensitive.
6.13
-precompile
Precompiles a header file from selected source files.
Syntax
-precompile file | dir | ""
file
If specified, the precompiled header name.
dir
If specified, the directory to store the header file.
""
If "" is specified, write header file to location specified in source code. If neither argument is
specified, the header file name is derived from the source file name.
Remarks
The driver determines whether to precompile a file based on its extension. The option
-precompile filesource
is equivalent to
-c -o filesource
6.14
-preprocess
Preprocesses the source files. This command is global.
Syntax
-preprocess
6.15
-ppopt
Specifies options affecting the preprocessed output.
Syntax
-ppopt keyword [,...]
The arguments for keyword are:
[no]break
Emits file and line breaks. This is the default.
[no]line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More