công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3350 bảng dữ liệu(PDF) 80 Page - STMicroelectronics

tên linh kiện AN3350
Giải thích chi tiết về linh kiện  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 bảng dữ liệu(HTML) 80 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 76Page - STMicroelectronics AN3350 Datasheet HTML 77Page - STMicroelectronics AN3350 Datasheet HTML 78Page - STMicroelectronics AN3350 Datasheet HTML 79Page - STMicroelectronics AN3350 Datasheet HTML 80Page - STMicroelectronics AN3350 Datasheet HTML 81Page - STMicroelectronics AN3350 Datasheet HTML 82Page - STMicroelectronics AN3350 Datasheet HTML 83Page - STMicroelectronics AN3350 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 185 page
background image
Working with the ELF linker
AN3350
80/185
Doc ID 018512 Rev 2
For more information, read Section 11.4.2: ALIGN.
11.3.2
Arithmetic operations
You can use standard C arithmetic and logical operations when you define and use symbols
in linker command files. Table 10 shows the order of precedence for each operator. All
operators are left-associative. To learn more about C operators, refer to the C Compiler.
11.3.3
Comments
You can add comments to your file by using the C++ style double slash characters (//), C-
style slash and asterisks (/*, */). The linker ignores comments. For example, the
comments shown in Example 15 are valid comments.
Example 15 Example comments
/* This is a
multiline comment */
* (.text) // This is a partial-line comment
You can also place comments in a special section,.comment.
.comment_section :
{
*(.comment)
} > .comment
11.3.4
Dead strip prevention
Linkers remove unused code and data from the output file in a process known as dead
stripping. To prevent the linker from stripping unreferenced code and data, use the
FORCE_ACTIVE
, KEEP_SECTION, and REF_INCLUDE directives. Details about these
directives can be found in Section 11.4.3: FORCE_ACTIVE, Section 11.4.4:
KEEP_SECTION, Section 11.4.7: REF_INCLUDE and Section 11.4.5: FORCE_FILE.
Table 10.
Arithmetic operators
Precedence
Operators
1 (highest)
- ˜ !
2
* / %
3+ -
4
>> <<
5
== != > < <= >=
6&
7|
8
&&
9 (lowest)
||



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More