| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3350 bảng dữ liệu(PDF) 81 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3350 bảng dữ liệu(HTML) 81 Page - STMicroelectronics |
|
81 / 185 page ![]() AN3350 Working with the ELF linker Doc ID 018512 Rev 2 81/185 11.3.5 Expressions, variables and integral types This section describes various expressions, and variable and integral types. Variables and symbols Symbol names in a linker command file consists of letters, digits, and underscore characters. Example 16 shows examples of valid symbol names. Traditionally, symbols defined inside a linker command file start with an underscore character Example 16 Valid symbol names _dec_num = 99999999; _hex_num_ = 0x9011276; Expressions and assignments You can create global symbols and assign addresses to these global symbols using the standard assignment operator, as shown: _symbolicname = some_expression; You must place a semicolon at the end of each assignment statement. You must place assignments only at the start of an expression. For example, the linker would reject the following expression: _sym1 + _sym2 = _sym3; // ILLEGAL! When the linker evaluates an expression and assigns it to a variable, the linker gives it either an absolute or a relocatable type. An absolute expression type is one in which the symbol contains the value that it will have in the output file. A relocatable expression is one in which the value is expressed as a fixed offset from the base of a section. Integer types The syntax for linker command file expressions is very similar to the syntax of the C programming language. The linker stores and manipulates integer constants by using 32-bit signed arithmetic. Octal integers (commonly known as base eight integers) start with a leading zero, followed by numerals in the range zero through seven. For example, here are some valid octal patterns you could put in your linker command file: ● _octal_number = 01234567; ● _octal_number2 = 03245; Decimal integers start with non-zero numeral, followed by numerals in the range of zero through nine. Here are some examples of valid decimal integers you could put in your linker command file: ● _dec_num = 99999999; ● _decimal_number = 123245; ● _decyone = 9011276; |