| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3350 bảng dữ liệu(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3350 bảng dữ liệu(HTML) 26 Page - STMicroelectronics |
|
26 / 185 page ![]() Command-line options for language translation AN3350 26/185 Doc ID 018512 Rev 2 autodetect | multibyte | mb Scan file for multibyet encoding. system Uses local system format. UTF[8 | -8] Unicode Transformation Format (UTF). SJIS | Shift-JIS | ShiftJIS Shift Japanese Industrial Standard (Shift-JIS) format.f EUC[JP | -JP] Japanese Extended UNIX Code (EUCJP) format. ISO[2022JP | -2022-JP] International Organization of Standards (ISO) Japanese format. Remarks The compiler automatically detects UTF-8 (Unicode Transformation Format) header or UCS-2/UCS-4 (Uniform Communications Standard) encodings regardless of setting. The default setting is ascii. 4.4 -flag Specifies compiler #pragma as either on or off. Syntax -fl[ag] [no-]pragma Remarks For example, this option setting -flag require_prototypes is equivalent to #pragma require_prototypes on This option setting -flag no-require_prototypes is the same as #pragma require_prototypes off |