công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3350 bảng dữ liệu(PDF) 82 Page - STMicroelectronics

tên linh kiện AN3350
Giải thích chi tiết về linh kiện  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 bảng dữ liệu(HTML) 82 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 78Page - STMicroelectronics AN3350 Datasheet HTML 79Page - STMicroelectronics AN3350 Datasheet HTML 80Page - STMicroelectronics AN3350 Datasheet HTML 81Page - STMicroelectronics AN3350 Datasheet HTML 82Page - STMicroelectronics AN3350 Datasheet HTML 83Page - STMicroelectronics AN3350 Datasheet HTML 84Page - STMicroelectronics AN3350 Datasheet HTML 85Page - STMicroelectronics AN3350 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 185 page
background image
Working with the ELF linker
AN3350
82/185
Doc ID 018512 Rev 2
Hexadecimal (base 16) integers start with 0x or 0X (a zero followed by an X), followed by
numerals in the range of zero through nine, and/or characters A through F. Here are some
examples of valid hexadecimal integers you could put in your linker command file:
●
_somenumber = 0x999999FF;
●
_fudgefactorspace = 0X123245EE;
●
_hexonyou = 0xFFEE;
To create a negative decimal integer, use the minus sign (-) in front of the number, as in:
●
_decimal_number = -123456;
11.3.6
File selection
When defining the contents of a SECTION block, you must specify the source files that are
contributing their sections. The standard way of doing this is to simply list the files, as shown
in Example 17.
Example 17 Source files listing
SECTIONS {
.example_section :
{
main.o
(.text)
file2.o (.text)
file3.o (.text)
}
}
In a large project, the list can become very long. For this reason, the * keyword can be used
to represent the filenames of every file in your project. Note that since we have already
added the .text sections from the files main.o, file2.o, and file3.o, the '*' keyword
will not add the .text sections from those files again.
* (.text)
11.3.7
Writing data to memory
You can write data directly to memory using the WRITEx commands in the linker command
file.
●
WRITEB
writes a byte
●
WRITEH
writes a two-byte half word
●
WRITEW
writes a four-byte word.
●
WRITES
writes a string. The data is inserted at the section’s current address.
The example in Example 18 shows examples of the WRITEx commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More