công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3350 bảng dữ liệu(PDF) 74 Page - STMicroelectronics

tên linh kiện AN3350
Giải thích chi tiết về linh kiện  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 bảng dữ liệu(HTML) 74 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 70Page - STMicroelectronics AN3350 Datasheet HTML 71Page - STMicroelectronics AN3350 Datasheet HTML 72Page - STMicroelectronics AN3350 Datasheet HTML 73Page - STMicroelectronics AN3350 Datasheet HTML 74Page - STMicroelectronics AN3350 Datasheet HTML 75Page - STMicroelectronics AN3350 Datasheet HTML 76Page - STMicroelectronics AN3350 Datasheet HTML 77Page - STMicroelectronics AN3350 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 185 page
background image
Working with the assembler
AN3350
74/185
Doc ID 018512 Rev 2
%id, %int, %attr, %reg and %str
The condition operators, %id, %int, %attr, %reg and %str, test their single token
argument (normally an argument passed to a macro) in order to verify belonging to a certain
type. The operators perform as follows:
●
%id
tests for identifiers
●
%int
tests for integers
●
%attr
tests for attributes
●
%reg
tests for registers
●
%str
tests for strings.
%streq
The ‘%streq’operator compares the content of two strings.
%len
The '%len' operator evaluates the length (number of characters) of a string argument.
Example:
%len("abcd") // evaluates to 4
%eval
The '%eval' operator reads and evaluates an integer expression. The expression is
replaced by the result token.
#
The '#' operator is used inside single line macros to convert macro arguments into strings.
During expansion every macro argument preceded by the character '#' is replaced
(including the operator token) with the string constant token. The latter is formed from the
literal text of the argument.
##
During macro expansion the '##' operator is used inside single line macros to paste
tokens. Upon expansion the token pairs found on either side of each '##' operator (and the
operator itself), are replaced by a single token. The single token is a concatenation of a
replaced token pair. This operation will be performed only if one of the input tokens is a
macro argument and the result of the combination is a valid token.
%#()
This operator will freeze its result, i.e., during subsequent preprocessor activity the result will
not be further expanded automatically. Before doing so it might also do the following:
●
For one argument that is a string, the string will be broken into individual tokens.
●
For more than one argument, the comma separated list of arguments will be
concatenated "as is" into a single identifier token.
%##()
Works like %#, but expands its arguments first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More