| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3350 bảng dữ liệu(PDF) 180 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3350 bảng dữ liệu(HTML) 180 Page - STMicroelectronics |
|
180 / 185 page ![]() eTPU specific features AN3350 180/185 Doc ID 018512 Rev 2 int TPR10 : 1; int HOLD : 1; int IPH : 1; int MISSCNT : 2; int LAST : 1; } ; The user may use the following syntax to associate a variable with the TPR register: struct tpr_struct <varname> @ tpr; 23.8 Entry table intrinsic functions ● Enable_match()/Disable_match(): Sets or clears the ME bit in the entry table entries which are associated with the thread. ● preload_p01()/preload_p23(): Sets or clears the PP bit in the entry table entries, which are associated with the thread. Note: These functions are implemented only for backward compatibility. It is better not to use them since if they are omitted, the compiler computes the best preload option itself and optimizes the code accordingly. ● read_match(): Loads the values of the Match registers into ERTA and ERTB. 23.9 Predefined symbols The compiler supports the following predefined symbols: 23.10 Integer types All standard C types are supported. Two new integer data types are created such as int24, which would be the default for int and unsigned int24, which would be the default for unsigned int. long and unsigned long are the native types for 32 bits. The following identifiers are also supported: _Bool, int8, int16, int32, int8_t, int16_t, int24_t, int32_t, uint8, uint16, uint32, uint8_t, uint16_t, uint24_t, uint32_t. Table 28. Predefined symbol Symbol Description __DATE__ A string representing the compilation date. __FILE__ A string representing the name of the file in which the symbol appears. __LINE__ A string representing the line number in which the symbol appears. __TIME__ A string representing the compilation time. __ETPU__ A string representing the compilation for eTPU. __ETPU2__ A string representing the compilation for eTPU2. |