công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3350 bảng dữ liệu(PDF) 163 Page - STMicroelectronics

tên linh kiện AN3350
Giải thích chi tiết về linh kiện  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 bảng dữ liệu(HTML) 163 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 159Page - STMicroelectronics AN3350 Datasheet HTML 160Page - STMicroelectronics AN3350 Datasheet HTML 161Page - STMicroelectronics AN3350 Datasheet HTML 162Page - STMicroelectronics AN3350 Datasheet HTML 163Page - STMicroelectronics AN3350 Datasheet HTML 164Page - STMicroelectronics AN3350 Datasheet HTML 165Page - STMicroelectronics AN3350 Datasheet HTML 166Page - STMicroelectronics AN3350 Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 185 page
background image
AN3350
Pragmas for preprocessing
Doc ID 018512 Rev 2
163/185
20.19
srcrelincludes
Controls the lookup of #include files.
Syntax
#pragma srcrelincludes on | off | reset
Remarks
When on, the compiler looks for #include files relative to the previously included file (not
just the source file). When off, the compiler uses the access paths specified with the -ir
option.
Use this pragma when multiple files use the same file name and are intended to be included
by another header file in that directory. This is a common practice in UNIX programming.
By default, this pragma is off.
20.20
syspath_once
Controls how included files are treated when #pragma once is enabled.
Syntax
#pragma syspath_once on | off | reset
Remarks
When this pragma and pragma once are set to on, the compiler distinguishes between
identically-named header files referred to in
#include <file-name>
and
#include "file-name".
When this pragma is off and pragma once is on, the compiler will ignore a file that uses a
#include <file-name>
directive if it has previously encountered another directive of the form
#include "file-name"
for an identically-named header file.
Example 114 shows an example.
This pragma does not correspond to any panel setting. By default, this setting is on.
Example 114 Pragma syspath_once example
#pragma syspath_once off
#pragma once on /* Include all subsequent files only once. */
#include "sock.h"
#include <sock.h> /* Skipped because syspath_once is off. */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More