công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3350 bảng dữ liệu(PDF) 151 Page - STMicroelectronics

tên linh kiện AN3350
Giải thích chi tiết về linh kiện  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 bảng dữ liệu(HTML) 151 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 147Page - STMicroelectronics AN3350 Datasheet HTML 148Page - STMicroelectronics AN3350 Datasheet HTML 149Page - STMicroelectronics AN3350 Datasheet HTML 150Page - STMicroelectronics AN3350 Datasheet HTML 151Page - STMicroelectronics AN3350 Datasheet HTML 152Page - STMicroelectronics AN3350 Datasheet HTML 153Page - STMicroelectronics AN3350 Datasheet HTML 154Page - STMicroelectronics AN3350 Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 185 page
background image
AN3350
Pragmas for diagnostic messages
Doc ID 018512 Rev 2
151/185
19.26
warn_no_side_effect
Controls the issuing of warning messages for redundant statements.
Syntax
#pragma warn_no_side_effect on | off | reset
Remarks
If you enable this pragma, the compiler issues a warning message when it encounters a
statement that produces no side effect. To suppress this warning message, cast the
statement with (void).Example 99 provides an example.
Example 99 Example of Pragma warn_no_side_effect
#pragma warn_no_side_effect on
void func(int a,int b)
{
a+b; /* WARNING: expression has no side effect */
(void)(a+b); /* OK: void cast suppresses warning. */
}
By default, this pragma is off.
19.27
warn_padding
Controls the issuing of warning messages for data structure padding.
Syntax
#pragma warn_padding on | off | reset
Remarks
If you enable this pragma, the compiler warns about any bytes that were implicitly added
after an ANSI C struct member to improve memory alignment. Refer to the appropriate
Targeting manual for more information on how the compiler pads data structures for a
particular processor or operating system.
By default, this setting is off.
19.28
warn_pch_portability
Controls whether or not to issue a warning message when #pragma once on is used in a
precompiled header.
Syntax
#pragma warn_pch_portability on | off | reset
Remarks
If you enable this pragma, the compiler issues a warning message when you use #pragma
once on
in a precompiled header. This helps you avoid situations in which transferring a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More