công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3350 bảng dữ liệu(PDF) 134 Page - STMicroelectronics

tên linh kiện AN3350
Giải thích chi tiết về linh kiện  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 bảng dữ liệu(HTML) 134 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 130Page - STMicroelectronics AN3350 Datasheet HTML 131Page - STMicroelectronics AN3350 Datasheet HTML 132Page - STMicroelectronics AN3350 Datasheet HTML 133Page - STMicroelectronics AN3350 Datasheet HTML 134Page - STMicroelectronics AN3350 Datasheet HTML 135Page - STMicroelectronics AN3350 Datasheet HTML 136Page - STMicroelectronics AN3350 Datasheet HTML 137Page - STMicroelectronics AN3350 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 185 page
background image
Pragmas for language translation
AN3350
134/185
Doc ID 018512 Rev 2
Remarks
If you enable this pragma, the compiler accepts GNU C extensions in C source code. This
includes the following non-ANSI C extensions:
●
Initialization of automatic struct or array variables with non-const values.
●
Illegal pointer conversions
●
sizeof( void ) == 1
●
sizeof( function-type ) == 1
●
Limited support for GCC statements and declarations within expressions.
●
Macro redefinitions without a previous #undef.
●
The GCC keyword typeof
●
Function pointer arithmetic supported
●
void*
arithmetic supported
●
Void expressions in return statements of void
●
__builtin_constant_p (expr) supported
●
Forward declarations of arrays of incomplete type
●
Forward declarations of empty static arrays
●
Pre-C99 designated initializer syntax (deprecated)
●
shortened conditional expression (c ?: y)
●
long __builtin_expect (long exp, long c) now accepted
By default, this pragma is disabled.
18.6
mark
Adds an item to the function pop-up menu in the IDE editor.
Syntax
#pragma mark
itemName
Remarks
This pragma adds itemName to the source file’s Function pop-up menu. Note that if the
pragma is inside a function definition, the item does not appear in the Function pop-up
menu.
If itemName begins with “--”, a menu separator appears in the IDE’s Function pop-up
menu:
#pragma mark --
This pragma does not correspond to any panel setting.
18.7
mpwc_newline
Controls the use of newline character convention.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More