| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3350 bảng dữ liệu(PDF) 101 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3350 bảng dữ liệu(HTML) 101 Page - STMicroelectronics |
|
101 / 185 page ![]() AN3350 C compiler Doc ID 018512 Rev 2 101/185 for (i = 0; i < size; ++i) { /* We expect to find the key rarely. */ if (__builtin_expect(array[i] == key, 0)) { rescue(i); } } } 12.3.12 Void return statements When the GCC extensions setting is on, the compiler allows you to place expressions of type void in a return statement.Example 46 shows an example. Example 46 Returning void void f(int a) { /* ... */ return; /* Always OK. */ } void g(int b) { /* ... */ return f(b); /* Allowed when GCC extensions are on. */ } 12.3.13 Minimum and maximum operators When the GCC extensions setting is on, the compiler recognizes built-in minimum (<?) and maximum (>?) operators. Example 47 Example of minimum and maximum operators int a = 1 <? 2; // 1 is assigned to a. int b = 1 >? 2; // 2 is assigned to b. 12.3.14 Local labels When the GCC extensions setting is on, the compiler allows labels limited to a block’s scope. A label declared with the __label__ keyword is visible only within the scope of its enclosing block.Example 48 shows an example. Example 48 Example of using local labels void f(int i) { if (i >= 0) { |