công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GMS81C2012 bảng dữ liệu(PDF) 12 Page - Hynix Semiconductor

tên linh kiện GMS81C2012
Giải thích chi tiết về linh kiện  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HYNIX [Hynix Semiconductor]
Trang chủ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012 bảng dữ liệu(HTML) 12 Page - Hynix Semiconductor

Back Button GMS81C2012 Datasheet HTML 8Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 9Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 10Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 11Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 12Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 13Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 14Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 15Page - Hynix Semiconductor GMS81C2012 Datasheet HTML 16Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 107 page
background image
GMS81C2012/GMS81C2020
HYUNDAI MicroElectronics
12
MAR. 2000 Ver 1.00
5. PIN FUNCTION
VDD: Supply voltage.
VSS: Circuit ground.
AVDD: Supply voltage to the ladder resistor of ADC cir-
cuit. To enhance the resolution of analog to digital convert-
er, use independent power source as well as possible, other
than digital power source.
AVSS: ADC circuit ground.
RESET: Reset the MCU.
XIN: Input to the inverting oscillator amplifier and input to
the internal clock operating circuit.
XOUT: Output from the inverting oscillator amplifier.
RA(Vdisp): RA is one-bit high-voltage input only port pin.
In addition, RA serves the functions of the Vdisp special
features. Vdisp is used as a high-voltage input power supply
pin when selected by the mask option.
R00~R07: R0 is an 8-bit high-voltage CMOS bidirectional
I/O port. R0 pins 1 or 0 written to the Port Direction Reg-
ister can be used as outputs or inputs. In addition, R0
serves the functions of the various following special fea-
tures.
R10~R17: R1 is an 8-bit high-voltage CMOS bidirectional
I/O port. R1 pins 1 or 0 written to the Port Direction Reg-
ister can be used as outputs or inputs.
R20~R27: R2 is an 8-bit high-voltage CMOS bidirectional
I/O port. R2 pins 1 or 0 written to the Port Direction Reg-
ister can be used as outputs or inputs.
R30~R35: R3 is a 6-bit high-voltage CMOS bidirectional
I/O port. R3 pins 1 or 0 written to the Port Direction Reg-
ister can be used as outputs or inputs.
R40~R43: R4 is a 4-bit CMOS bidirectional I/O port. R4
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs. In addition, R4 serves the func-
tions of the following special features.
R50~R57: R5 is an 8-bit CMOS bidirectional I/O port. R5
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs. In addition, R5 serves the func-
tions of the various following special features.
R60~R67: R6 is an 8-bit CMOS bidirectional I/O port. R6
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs. In addition, R6 is shared with the
ADC input.
R70~R73: R7 is a 4-bit CMOS bidirectional I/O port. R6
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs. In addition, R7 is shared with the
ADC input.
SXIN: Input to the internal subsystem clock operating cir-
cuit. In addition, SXIN serves the R74 pin when selected
by the code option. *R74 has a Pull-up circuit.
SXOUT: Output from the inverting subsystem oscillator
amplifier. In addition, SXOUT serves the R75 pin when
Port pin
Alternate function
RA
Vdisp (High-voltage input power supply)
Port pin
Alternate function
R00
R01
R02
R03
INT0 (External interrupt 0)
INT1 (External interrupt 1)
EC0 (Event counter input)
BUZO (Buzzer driver output)
Port pin
Alternate function
R40
T0O (Timer/Counter 0 output)
Port pin
Alternate function
R53
R54
R55
R56
SCLK (Serial clock)
SIN (Serial data input)
SOUT (Serial data output)
PWM1O (PWM1 Output)
T1O (Timer/Counter 1 output)
Port pin
Alternate function
R60
R61
R62
R63
R64
R66
R66
R67
AN0 (Analog Input 0)
AN1 (Analog Input 1)
AN2 (Analog Input 2)
AN3 (Analog Input 3)
AN4 (Analog Input 4)
AN5 (Analog Input 5)
AN6 (Analog Input 6)
AN7 (Analog Input 7)
Port pin
Alternate function
R70
R71
R72
R73
AN8 (Analog Input 8)
AN9 (Analog Input 9)
AN10 (Analog Input 10)
AN11 (Analog Input 11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com