| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACT5880 bảng dữ liệu(PDF) 13 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT5880 bảng dữ liệu(HTML) 13 Page - Active-Semi, Inc |
|
13 / 87 page ![]() ACT5880 Rev 2, 03-Sep-13 - 13 - www.active-semi.com ActivePMU TM and ActivePathTM are trademarks of Active-Semi. I2CTM is a trademark of NXP. Copyright © 2013 Active-Semi, Inc. Active-Semi Confidential―Do Not Copy or Distribute FUNCTION BLOCK ADDR. BITS NAMES AND DEFAULTS D7 D6 D5 D4 D3 D2 D1 D0 SYS 0x00 TRST nSYSMODE nSYSLVMSK nSYSSTAT SYSLEV[3] SYSLEV[2] SYSLEV[1] SYSLEV[0] 0 0 0 R 0 0 0 0 SYS 0x01 EVENT1 EVENT2 EVENT4 RFU SCRATCH[3] SCRATCH[2] SCRATCH[1] SCRATCH[0] 0 0 0 0 x x x x SYS 0x3C Set to 0x80 before setting nWKALM and RAAI. SYS 0x3D Set to 0x08 before setting nWKALM and RAAI. SYS 0x6C RFU RFU STB STA RFU RFU DATAB DATAA x x 0 1 x x 0 0 SYS 0x6D RFU RFU POSB POSA RFU RFU NEGB RFU x x 0 1 x x 0 x REG1 0x10 x x VSET0[5] VSET0[4] VSET0[3] VSET0[2] VSET0[1] VSET0[0] 0 0 0 1 1 0 0 0 REG1 0x11 x x VSET1[5] VSET1[4] VSET1[3] VSET1[2] VSET1[1] VSET1[0] 0 0 0 1 1 0 0 0 REG1 0x12 ON PHASE MODE DELAY[2] DELAY[1] DELAY[0] nFLTMSK OK 1 0 0 0 0 0 0 R REG2 0x20 x x VSET[5] VSET[4] VSET[3] VSET[2] VSET[1] VSET[0] 0 0 1 0 0 1 0 0 REG2 0x22 ON PHASE MODE DELAY[2] DELAY[1] DELAY[0] nFLTMSK OK 1 1 0 0 0 0 0 R REG2 0x28 x x VSET[5] VSET[4] VSET[3] VSET[2] VSET[1] VSET[0] 0 0 1 0 0 1 0 0 REG2 0x29 x x LOWIQ x x x nFLTMSK OK 1 0 1 0 0 0 0 R REG3 0x30 VSET[7] VSET[6] VSET[5] VSET[4] VSET[3] VSET[2] VSET[1] VSET[0] 0 1 0 1 0 1 0 0 REG3 0x31 ON PHASE RFU DELAY[2] DELAY[1] DELAY[0] nFLTMSK OK 0 0 0 0 0 0 0 R REG4 0x40 x x VSET[5] VSET[4] VSET[3] VSET[2] VSET[1] VSET[0] 0 0 1 1 0 1 0 1 REG4 0x41 ON DIS LOWIQ DELAY[2] DELAY[1] DELAY[0] nFLTMSK OK 1 0 0 0 0 0 0 R REG5 0x44 x x VSET[5] VSET[4] VSET[3] VSET[2] VSET[1] VSET[0] 0 0 1 1 0 1 0 1 REG5 0x45 ON DIS LOWIQ DELAY[2] DELAY[1] DELAY[0] nFLTMSK OK 1 0 0 0 0 0 0 R GLOBAL REGISTER MAP Cont'd in next page. Note: SYS: The registers for the system control block; REG1 to REG5: The registers for regulators that generate the OUT1 to OUT5. RTC: The registers for Real Time Clock block. RFU is the bit reserved for future use. R: Read accessible, writing to the bit does not make change to the volume. X is uncertain volume. |