| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACT5880 bảng dữ liệu(PDF) 16 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT5880 bảng dữ liệu(HTML) 16 Page - Active-Semi, Inc |
|
16 / 87 page ![]() ACT5880 Rev 2, 03-Sep-13 - 16 - www.active-semi.com ActivePMU TM and ActivePathTM are trademarks of Active-Semi. I2CTM is a trademark of NXP. Copyright © 2013 Active-Semi, Inc. Active-Semi Confidential―Do Not Copy or Distribute FUNCTION BLOCK ADDR. BITS NAMES AND DEFAULTS D7 D6 D5 D4 D3 D2 D1 D0 RTC 0xA4 x x SETSEC[5] SETSEC[4] SETSEC[3] SETSEC[2] SETSEC[1] SETSEC[0] x x 0 0 0 0 0 0 RTC 0xA8 x x SETMIN[5] SETMIN[4] SETMIN[3] SETMIN[2] SETMIN[1] SETMIN[0] x x 0 0 0 0 0 0 RTC 0xAC x x x SETHR[4] SETHR[3] SETHR[2] SETHR[1] SETHR[0] x x x 0 0 0 0 0 RTC 0xB0 SETDAY[7] SETDAY[6] SETDAY[5] SETDAY[4] SETDAY[3] SETDAY[2] SETDAY[1] SETDAY[0] 0 0 0 0 0 0 0 0 RTC 0xB1 SETDAY[15] SETDAY[14] SETDAY[13] SETDAY[12] SETDAY[11] SETDAY[10] SETDAY[9] SETDAY[8] 0 0 0 0 0 0 0 0 RTC 0xB4 x x x ALMINT DAYINT HRINT MININT SECINT x x x 0 0 0 0 0 BBU 0xC8 x x VSETBB[5] VSETBB[4] VSETBB[3] VSETBB[2] VSETBB[1] VSETBB[0] x x 1 1 0 1 0 1 BBU 0xC9 ONBB ONRTC RFU UNLOCKBB SCRATCH[3] SCRATCH[2] SCRATCH[1] SCRATCH[0] 1 1 x 0 0 0 0 0 BBU 0xCA x x VSETRTC[5] VSETRTC[4] VSETRTC[3] VSETRTC[2] VSETRTC[1] VSETRTC[0] x x 1 0 0 1 0 0 CHG 0xD0 VSET[3] VSET[2] VSET[1] VSET[0] ISET[3] ISET[2] ISET[1] ISET[0] 0 1 0 1 0 1 0 0 CHG 0xD1 SUSCHG ENVISET TOTTIMO[1] TOTTIMO[0] PRETIMO[1] PRETIMO[0] OVPSET[1] OVPSET[0] 0 0 0 0 0 0 0 0 CHG 0xD8 TIMR_STAT TEMP_STAT or BATT_STAT INPUT_STAT CHG_STAT TIMR_DAT TEMP_DAT or BATT_DAT INPUT_DAT CHG_DAT 0 0 0 0 R R R R CHG 0xD9 TIMR_PRE TEMP_POS or BATT_POS INPUT_POS CHG_POS TIMR_TOT TEMP_NEG or BATT_NEG INPUT_NEG CHG_NEG 0 0 0 0 0 0 0 0 CHG 0xDA RFU RFU CHGSTAT0 CHGSTAT1 RFU x x x x x R R x x x x GLOBAL REGISTER MAP Cont'd in next page. Note: RTC: The registers for Real Time Clock block; BBU is for the backup battery unit, which includes a backup battery charger and an always-on low power LDO. RFU is the bit reserved for future use. R: Read accessible, writing to the bit does not make change to the volume. X is uncertain volume. |