| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACT5880 bảng dữ liệu(PDF) 43 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT5880 bảng dữ liệu(HTML) 43 Page - Active-Semi, Inc |
|
43 / 87 page ![]() ACT5880 Rev 2, 03-Sep-13 - 43 - www.active-semi.com ActivePMU TM and ActivePathTM are trademarks of Active-Semi. I2CTM is a trademark of NXP. Copyright © 2013 Active-Semi, Inc. Active-Semi Confidential―Do Not Copy or Distribute INTERRUPT DESCRIPTIONS BLOCK SITUATION CONFIGURATION IDENTIFICATION RTC Alarm assertion RAAI ALMINT 1 1 RTC Day counts changes RDAI DAYINT 1 1 RTC Hour counts changes RHAI HRINT 1 1 RTC Minute counts changes RMAI MININT 1 1 RTC Second counts changes RSAI SECINT 1 1 CHG Pre-condition safety timer time- out TIMR_STAT TIMR_PRE TIMR_PRE TIMR_STAT TIMR_DAT 1 1 1 1 1 CHG Total charge safety timer time- out nFLTMSK TIMR_TOT TIMR_TOT TIMR_STAT TIMR_DAT 1 1 1 1 1 CHG Battery thermal condition be- comes valid, for the respective option only. TEMP_STAT TEMP_POS TEMP_POS TEMP_STAT TEMP_DAT* 1 1 1 1 1 CHG Battery thermal condition be- comes invalid, for the respective option only. TEMP_STAT TEMP_NEG TEMP_NEG TEMP_STAT TEMP_DAT* 1 1 1 1 1 CHG Battery installation detected, for the respective option only. BATT_STAT BATT_POS BATT_POS BATT_STAT BATT_DAT* 1 1 1 1 1 CHG Battery installation not detected, for the respective option only. BATT_STAT BATT_NEG BATT_NEG BATT_STAT BATT_DAT* 1 1 1 1 0 CHG ACIN input valid INPUT_STAT INPUT_POS INPUT_POS INPUT_STAT INPUT_DAT* 1 1 1 1 1 CHG ACIN input not valid INPUT_STAT INPUT_NEG INPUT_NEG INPUT_STAT INPUT_DAT* 1 1 1 1 0 CHG Charge state jumps into the end of charge sleep state. CHG_STAT CHG_POS CHG_POS CHG_STAT CHG_DAT* 1 1 1 1 1 CHG Charge state jumps out of the end of charge sleep state. CHG_STAT CHG_NEG CHG_NEG CHG_STAT CHG_DAT* 1 1 1 1 0 TSC ADC Pen touch detected PENMASK nAUTO DATARDY PENIRQ PENSTAT* 0 1 1 1 1 TSC ADC TSC ADC conversion done DATAMASK DATARDY ACQ DATAMASK 0 1 0 0 ACQ PENMASK 0 0 Note: *: Instant state output, the reading is the volume by the time of reading. |