| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACT5880 bảng dữ liệu(PDF) 14 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT5880 bảng dữ liệu(HTML) 14 Page - Active-Semi, Inc |
|
14 / 87 page ![]() ACT5880 Rev 2, 03-Sep-13 - 14 - www.active-semi.com ActivePMU TM and ActivePathTM are trademarks of Active-Semi. I2CTM is a trademark of NXP. Copyright © 2013 Active-Semi, Inc. Active-Semi Confidential―Do Not Copy or Distribute FUNCTION BLOCK ADDR. BITS NAMES AND DEFAULTS D7 D6 D5 D4 D3 D2 D1 D0 REG6 0x48 x x VSET[5] VSET[4] VSET[3] VSET[2] VSET[1] VSET[0] 0 0 1 1 0 1 0 1 REG6 0x49 ON DIS LOWIQ DELAY[2] DELAY[1] DELAY[0] nFLTMSK OK 0 0 0 0 0 0 0 R REG7 0x4C x x VSET[5] VSET[4] VSET[3] VSET[2] VSET[1] VSET[0] 0 0 1 1 0 1 1 0 REG7 0x4D ON DIS LOWIQ DELAY[2] DELAY[1] DELAY[0] nFLTMSK OK 1 0 0 0 0 0 0 R REG8 0x50 x x VSET[5] VSET[4] VSET[3] VSET[2] VSET[1] VSET[0] 0 0 1 1 0 0 0 1 REG8 0x51 ON DIS LOWIQ DELAY[2] DELAY[1] DELAY[0] nFLTMSK OK 1 0 0 0 0 0 0 R REG9 0x54 x x VSET[5] VSET[4] VSET[3] VSET[2] VSET[1] VSET[0] 0 0 0 1 1 0 0 0 REG9 0x55 ON DIS LOWIQ DELAY[2] DELAY[1] DELAY[0] nFLTMSK OK 0 0 0 0 0 0 0 R REG10 0x58 x x VSET[5] VSET[4] VSET[3] VSET[2] VSET[1] VSET[0] 0 0 1 1 1 0 0 1 REG10 0x59 ON DIS LOWIQ DELAY[2] DELAY[1] DELAY[0] nFLTMSK OK 1 0 0 0 0 0 0 R REG11 0x5C x x VSET[5] VSET[4] VSET[3] VSET[2] VSET[1] VSET[0] 0 0 1 0 0 1 0 0 REG11 0x5D ON DIS LOWIQ DELAY[2] DELAY[1] DELAY[0] nFLTMSK OK 0 0 0 0 0 0 0 R REG12 0x60 x x VSET[5] VSET[4] VSET[3] VSET[2] VSET[1] VSET[0] 0 0 1 0 0 1 0 0 REG12 0x61 ON DIS LOWIQ DELAY[2] DELAY[1] DELAY[0] nFLTMSK OK 0 0 0 0 0 0 0 R REG13 0x64 x x VSET[5] VSET[4] VSET[3] VSET[2] VSET[1] VSET[0] 0 0 1 1 0 1 0 0 REG13 0x65 ON DIS LOWIQ DELAY[2] DELAY[1] DELAY[0] nFLTMSK OK 0 0 0 0 0 0 0 R GLOBAL REGISTER MAP Cont'd in next page. Note: REG6 to REG13: The registers for regulators that generate the OUT6 to OUT13. RFU is the bit reserved for future use. R: Read accessible, writing to the bit does not make change to the volume. X is uncertain volume. |