| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IO13PDB0V0 bảng dữ liệu(PDF) 171 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
IO13PDB0V0 bảng dữ liệu(HTML) 171 Page - Microsemi Corporation |
|
171 / 197 page ![]() SmartFusion Customizable System-on-Chip (cSoC) Re vi s i on 12 5 - 57 E5 NC NC E6 GNDQ GNDQ E7 VCCFPGAIOB0 VCCFPGAIOB0 E8 NC IO00PPB0V0 E9 NC NC E10 VCCFPGAIOB0 VCCFPGAIOB0 E11 EMC_AB[4]/IO06NDB0V0 EMC_AB[4]/IO10NDB0V0 E12 EMC_AB[5]/IO06PDB0V0 EMC_AB[5]/IO10PDB0V0 E13 VCCFPGAIOB0 VCCFPGAIOB0 E14 GBC0/IO17NPB0V0 GBC0/IO22NPB0V0 E15 NC NC E16 VCCFPGAIOB0 VCCFPGAIOB0 E17 NC VCOMPLA1 E18 NC IO25NPB1V0 E19 GND GND E20 NC NC E21 VCCFPGAIOB1 VCCFPGAIOB1 E22 IO22NDB1V0 IO32NDB1V0 F1 GFB1/IO65PPB5V0 GFB1/IO82PPB5V0 F2 IO67NPB5V0 IO84NPB5V0 F3 GFB2/IO68NDB5V0 GFB2/IO85NDB5V0 F4 EMC_DB[10]/IO69NPB5V0 EMC_DB[10]/IO86NPB5V0 F5 VCCFPGAIOB5 VCCFPGAIOB5 F6 VCCPLL VCCPLL0 F7 VCOMPLA VCOMPLA0 F8 NC NC F9 NC NC F10 NC NC F11 NC NC F12 NC NC F13 EMC_AB[20]/IO14NDB0V0 EMC_AB[20]/IO21NDB0V0 F14 EMC_AB[21]/IO14PDB0V0 EMC_AB[21]/IO21PDB0V0 F15 GNDQ GNDQ F16 NC VCCPLL1 Pin Number FG484 A2F200 Function A2F500 Function Notes: 1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank assignment can be different for an I/O, or the function might be available only on a larger density device. 2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer to the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details. |