công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS4215 bảng dữ liệu(PDF) 40 Page - Cirrus Logic

tên linh kiện CS4215
Giải thích chi tiết về linh kiện  16-Bit Multimedia Audio Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4215 bảng dữ liệu(HTML) 40 Page - Cirrus Logic

Back Button CS4215 Datasheet HTML 36Page - Cirrus Logic CS4215 Datasheet HTML 37Page - Cirrus Logic CS4215 Datasheet HTML 38Page - Cirrus Logic CS4215 Datasheet HTML 39Page - Cirrus Logic CS4215 Datasheet HTML 40Page - Cirrus Logic CS4215 Datasheet HTML 41Page - Cirrus Logic CS4215 Datasheet HTML 42Page - Cirrus Logic CS4215 Datasheet HTML 43Page - Cirrus Logic CS4215 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
GENERAL INFORMATION
The CDB4215 is designed to provide an easy
platform for evaluating the performance of the
CS4215 Multimedia Audio Codec. The board
provides a buffered serial interface for easy con-
nection to the serial port of a DSP or other serial
device. A single +5 V power supply is all that is
required to power the evaluation board.
The line input buffers are designed to accept
standard CD-level inputs of 2 VRMS and BNC-
to-phono adapters are included to support
various test setups. The microphone inputs con-
sist of two
1/4" mono jacks that are designed to
accept standard single-ended dynamic or con-
denser microphones.
The line outputs are supplied via BNC jacks
with two more BNC-to-phono adapters. The
headphone output is supplied via a
1/4" stereo
jack and will drive headphones of 48
Ω or
greater. This includes most "walkman" style
headphones. Speaker terminals are provided and
can be connected to speakers with an impedance
of 32
Ω or greater.
The film plots of the board are included to pro-
v ide an example of the op timum layout,
grounding, and decoupling arrangement for the
CS4215.
POWER SUPPLY CIRCUITRY
Figure 1 illustrates a portion of the CDB4215
schematic and includes the CS4215 codec along
with power supply circuitry. Power is supplied to
the board via two sets of binding posts, one for
digital and one for analog. The analog supply
must be +5 Volts and supplies power for the en-
tire codec (both digital and analog power supply
pins) along with the analog input buffers for the
line and microphone inputs. The digital supply is
also +5 Volts and supplies power to the digital
header buffer circuitry. Space for a ferrite bead
inductor, L1, has been provided so that the board
may be modified to power the codec from the
digital supply. Selection of L1 will depend on
the characteristics of the noise on the digital sup-
ply used.
ANALOG INPUTS
The analog inputs consist of a pair of
1/4" jacks
for two microphones, and a pair of BNC’s for
line level inputs. BNC-to-phono adapters are in-
cluded to allow testing of the line inputs using
coax or standard audio cables.
The line-level inputs go through a buffer, Fig-
ure 2, with a gain of 0.5 which allows input
signals of up to 2 VRMS.
The two microphone inputs are single-ended and
are designed to work with both condenser and
dynamic mics. The microphone input buffer cir-
cuit, shown in Figure 3, has a gain of 23 dB
thereby defining a full-scale input voltage to the
mic jacks of 19.5 mVpp.
ANALOG OUTPUTS
The CDB4215 includes three analog output
paths: a pair of line output BNC’s, a stereo
1/4"
headphone jack, and a pair of mono speaker ter-
minals.
The CS4215 drives the line outputs into an R-C
filter and then to a pair of BNC’s. As with the
line inputs, BNC-to-phono adapters are provided
for flexibility. The line outputs can drive an im-
pedance of 10 k
Ω or more, which is the typical
input impedance of most audio gear.
The stereo headphone output can drive head-
phones with an impedance of 48
Ω or greater.
This includes most "walkman" style headphones.
CDB4215
40
DS76DB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com