công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS4215 bảng dữ liệu(PDF) 23 Page - Cirrus Logic

tên linh kiện CS4215
Giải thích chi tiết về linh kiện  16-Bit Multimedia Audio Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4215 bảng dữ liệu(HTML) 23 Page - Cirrus Logic

Back Button CS4215 Datasheet HTML 19Page - Cirrus Logic CS4215 Datasheet HTML 20Page - Cirrus Logic CS4215 Datasheet HTML 21Page - Cirrus Logic CS4215 Datasheet HTML 22Page - Cirrus Logic CS4215 Datasheet HTML 23Page - Cirrus Logic CS4215 Datasheet HTML 24Page - Cirrus Logic CS4215 Datasheet HTML 25Page - Cirrus Logic CS4215 Datasheet HTML 26Page - Cirrus Logic CS4215 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
Data Time Slot 8, Input Setting
D7
D6
D5
D4
D3
D2
D1
D0
MA3
MA2
MA1
MA0
RG3
RG2
RG1
RG0
11110000
Register
Reset (R)
BIT
NAME
VALUE
FUNCTION
RG3-0
Right Channel Input
Gain Setting
0 0 0 0
R 1.5dB gain steps. RG3 is the MSB.
0 = no gain, 1111 = 22.5dB gain.
MA3-0
Monitor Path
Attenuation
1 1 1 1
15
R 6dB attenuation steps. MA3 is the MSB.
0 = no attenuation, 1111 = mute.
BIT
NAME
VALUE
FUNCTION
LG3-0
Left Channel Input
Gain Setting
0 0 0 0
R 1.5dB gain steps. LG3 is the MSB.
0 = no gain, 1111 = 22.5dB gain.
IS
Input Select
0
1
R Line level inputs (LINL, LINR).
Microphone level inputs (MINL, MINR).
OVR
Overrange
0
R When read as 1, this bit indicates that an input over-
range condition has occurred. The bit remains set
until cleared by writing 0 into the register. Writing
a 1 enables the overrange detection. The bit will
remain 0 until an over-range occurs. Serial port
clear has priority over internal settings.
PIO1-0
Parallel I/O
1 1
3
R Parallel input/output bits.
Data Time Slot 7, Input Setting
D7
D6
D5
D4
D3
D2
D1
D0
PIO1
PIO0
OVR
IS
LG3
LG2
LG1
LG0
11000000
Register
Reset (R)
Data Time Slot 6, Output Setting
D7
D6
D5
D4
D3
D2
D1
D0
ADI
SE
RO5
RO4
RO3
RO2
RO1
RO0
10111111
Register
Reset (R)
BIT
NAME
VALUE
FUNCTION
RO5-0
Right Channel
Output Attenuation
Setting
1 1 1 1 1 1
63
R 1.5dB attenuation steps. RO5 is the MSB.
0 = no attenuation. 111111 = -94.5dB
Not used in mono modes.
SE
Speaker Enable
0
1
R Speaker off (muted).
Speaker on.
ADI
A/D Data Invalid
0
1
R
A/D data valid.
A/D data invalid. Busy in calibration.
CS4215
DS76F2
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com