công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS4215 bảng dữ liệu(PDF) 27 Page - Cirrus Logic

tên linh kiện CS4215
Giải thích chi tiết về linh kiện  16-Bit Multimedia Audio Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4215 bảng dữ liệu(HTML) 27 Page - Cirrus Logic

Back Button CS4215 Datasheet HTML 23Page - Cirrus Logic CS4215 Datasheet HTML 24Page - Cirrus Logic CS4215 Datasheet HTML 25Page - Cirrus Logic CS4215 Datasheet HTML 26Page - Cirrus Logic CS4215 Datasheet HTML 27Page - Cirrus Logic CS4215 Datasheet HTML 28Page - Cirrus Logic CS4215 Datasheet HTML 29Page - Cirrus Logic CS4215 Datasheet HTML 30Page - Cirrus Logic CS4215 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
POWER SUPPLY AND GROUNDING
When using separate supplies, the digital power
should be connected to the CS4215 via a ferrite
bead, positioned closer than 1" to the device (see
Figure 1). The codec VA1, VA2 pins should be
derived from the cleanest power source available.
If only one supply is available, use the suggested
arrangement in Figure 17. VA1 supplies analog
power to the ADCs and DACs while VA2 sup-
p lies p ower to the output power drivers
(headphones and speaker).
The large currents
necessary for VA2 are not flowing through the
2.0
Ω resistor, and therefore do not corrupt the
VA1 converter supply.
The CS4215 along with associated analog cir-
cuitry, should be positioned near to the edge of
the circuit board, and have its own, separate,
ground plane. On the CS4215, the analog and
digital grounds are internally connected; there-
fore, the four ground pins must be externally
connected with zero impedance between ground
pins. The best solution is to place the entire chip
on a solid ground plane as shown in Figure 18.
Preferably, it should also have its own power
plane. A single connection between the CS4215
ground and the board ground should be posi-
tioned as shown in Figure 18.
Figure 19 illustrates the optimum ground and de-
coupling layout for the CS4215 assuming a
surface-mount socket and leaded decoupling ca-
pacitors. Surface-mount sockets are useful since
the pad locations are exactly the same as the ac-
tual chip; therefore, given that space for the
socket is left on the board, the socket can be op-
tional for production. Figure 19 depicts the top
layer containing signal traces and assumes the
bottom or inter-layer contains a solid analog
ground plane. The important points with regards
to this diagram are that the ground plane is
SOLID under the codec and connects all codec
ground pins with thick traces providing the abso-
lute lowest impedance between ground pins. The
decoupling capacitors are placed as close as pos-
sible to the device which, in this case, is the
socket boundary. The lowest value capacitor is
Digital
Ground
Plane
Note that the CS4215
is oriented with its
digital pins towards the
digital end of the board.
CPU & Digital
Logic
Codec
digital
signals
Codec
analog
signals &
Components
Analog
Ground
Plane
1/8"
>
>
CS4215
+5V
Ferrite
Bead
Ground
Connection
Figure 18. Suggested Layout Guideline
CS4215
DS76F2
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com