công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F110ME bảng dữ liệu(PDF) 31 Page - Renesas Technology Corp

tên linh kiện R5F110ME
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110ME bảng dữ liệu(HTML) 31 Page - Renesas Technology Corp

Back Button R5F110ME Datasheet HTML 27Page - Renesas Technology Corp R5F110ME Datasheet HTML 28Page - Renesas Technology Corp R5F110ME Datasheet HTML 29Page - Renesas Technology Corp R5F110ME Datasheet HTML 30Page - Renesas Technology Corp R5F110ME Datasheet HTML 31Page - Renesas Technology Corp R5F110ME Datasheet HTML 32Page - Renesas Technology Corp R5F110ME Datasheet HTML 33Page - Renesas Technology Corp R5F110ME Datasheet HTML 34Page - Renesas Technology Corp R5F110ME Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 31 of 149
Feb 21, 2014
2.3.2
Supply current characteristics
(Notes and Remarks are listed on the next page.)
(TA = -40 to +85 °C, 1.6 V VDD 3.6 V, VSS = 0 V)
(1/2)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply
current Note 1
IDD1
Operating
mode
HS
(high-speed main)
mode Note 5
fHOCO = 48 MHz Note 3,
fIH = 24 MHz Note 3
Basic
operation
VDD = 3.6 V
2.2
2.8
mA
VDD = 3.0 V
2.2
2.8
Normal
operation
VDD = 3.6 V
4.4
8.5
VDD = 3.0 V
4.4
8.5
fHOCO = 24 MHz Note 3,
fIH = 24 MHz Note 3
Basic
operation
VDD = 3.6 V
2.0
2.6
VDD = 3.0 V
2.0
2.6
Normal
operation
VDD = 3.6 V
4.2
6.8
VDD = 3.0 V
4.2
6.8
fHOCO = 16 MHz Note 3,
fIH = 16 MHz Note 3
Normal
operation
VDD = 3.6 V
3.1
4.9
VDD = 3.0 V
3.1
4.9
LS
(low-speed main)
mode Note 5
fHOCO = 8 MHz Note 3,
fIH = 8 MHz Note 3
Normal
operation
VDD = 3.0 V
1.4
2.2
mA
VDD = 2.0 V
1.4
2.2
LV
(low-voltage main)
mode Note 5
fHOCO = 4 MHz Note 3,
fIH = 4 MHz Note 3
Normal
operation
VDD = 3.0 V
1.3
1.8
mA
VDD = 2.0 V
1.3
1.8
HS
(high-speed main)
mode Note 5
fMX = 20 MHz Note 2,
VDD = 3.6 V
Normal
operation
Square wave input
3.5
5.5
mA
Resonator connection
3.6
5.7
fMX = 20 MHz Note 2,
VDD = 3.0 V
Normal
operation
Square wave input
3.5
5.5
Resonator connection
3.6
5.7
fMX = 16 MHz Note 2,
VDD = 3.6 V
Normal
operation
Square wave input
2.9
4.5
Resonator connection
3.1
4.6
fMX = 16 MHz Note 2,
VDD = 3.0 V
Normal
operation
Square wave input
2.9
4.5
Resonator connection
3.1
4.6
fMX = 10 MHz Note 2,
VDD = 3.6 V
Normal
operation
Square wave input
2.1
3.2
Resonator connection
2.2
3.2
fMX = 10 MHz Note 2,
VDD = 3.0 V
Normal
operation
Square wave input
2.1
3.2
Resonator connection
2.2
3.2
LS
(low-speed main)
mode Note 5
fMX = 8 MHz Note 2,
VDD = 3.6 V
Normal
operation
Square wave input
1.2
2.0
mA
Resonator connection
1.3
2.0
fMX = 8 MHz Note 2,
VDD = 3.0 V
Normal
operation
Square wave input
1.2
2.1
Resonator connection
1.3
2.2
HS
(High-speed main)
mode
(PLL operation)
fPLL = 48 MHz,
fCLK = 24 MHz Note 2
Normal
operation
VDD = 3.6 V
4.7
7.5
mA
VDD = 3.0 V
4.7
7.5
fPLL = 48 MHz,
fCLK = 12 MHz Note 2
Normal
operation
VDD = 3.6 V
3.1
5.1
VDD = 3.0 V
3.1
5.1
fPLL = 48 MHz,
fCLK = 6 MHz Note 2
Normal
operation
VDD = 3.6 V
2.3
3.9
VDD = 3.0 V
2.3
3.9
Subsystem clock
operation
fSUB = 32.768 kHz Note 4
TA = -40°C
Normal
operation
Square wave input
4.6
6.9
A
Resonator connection
4.7
6.9
fSUB = 32.768 kHzNote 4
TA = +25°C
Normal
operation
Square wave input
4.9
7.0
Resonator connection
5.0
7.2
fSUB = 32.768 kHzNote 4
TA = +50°C
Normal
operation
Square wave input
5.2
7.6
Resonator connection
5.2
7.7
fSUB = 32.768 kHzNote 4
TA = +70°C
Normal
operation
Square wave input
5.5
9.3
Resonator connection
5.6
9.4
fSUB = 32.768 kHzNote 4
TA = +85°C
Normal
operation
Square wave input
6.2
13.3
Resonator connection
6.2
13.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com