| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F110ME bảng dữ liệu(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F110ME bảng dữ liệu(HTML) 20 Page - Renesas Technology Corp |
|
20 / 153 page ![]() RL78/L1C 2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C) R01DS0192EJ0200 Rev. 2.00 Page 20 of 149 Feb 21, 2014 2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C) This chapter describes the electrical specifications for the products A: Consumer applications (TA = -40 to +85 °C) and G: Industrial applications (when used in the range of TA = -40 to +85 °C). Caution 1. The RL78 microcontroller has an on-chip debug function, which is provided for development and evaluation. Do not use the on-chip debug function in products designated for mass production, because the guaranteed number of rewritable times of the flash memory may be exceeded when this function is used, and product reliability therefore cannot be guaranteed. Renesas Electronics is not liable for problems occurring when the on-chip debug function is used. Caution 2. The pins mounted depend on the product. Refer to 1.3.1 80-pin products (with USB) to 1.3.6 100-pin products (without USB). |