| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F110ME bảng dữ liệu(PDF) 62 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F110ME bảng dữ liệu(HTML) 62 Page - Renesas Technology Corp |
|
62 / 153 page ![]() RL78/L1C 2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C) R01DS0192EJ0200 Rev. 2.00 Page 62 of 149 Feb 21, 2014 CSI mode connection diagram (during communication at different potential) Remark 1. Rb[ ]: Communication line (SOp) pull-up resistance, Cb[F]: Communication line (SOp) load capacitance, Vb[V]: Communication line voltage Remark 2. p: CSI number (p = 00, 10, 20, 30), m: Unit number (m = 0, 1), n: Channel number (n = 0 to 3), g: PIM and POM number (g = 0 to 3) Remark 3. fMCK: Serial array unit operation clock frequency (Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number, n: Channel number (mn = 00, 02, 10, 12)) SCKp SOp User’s device SCK SI SIp SO Vb Rb <Slave> RL78 microcontroller |