| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F110ME bảng dữ liệu(PDF) 63 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F110ME bảng dữ liệu(HTML) 63 Page - Renesas Technology Corp |
|
63 / 153 page ![]() RL78/L1C 2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C) R01DS0192EJ0200 Rev. 2.00 Page 63 of 149 Feb 21, 2014 CSI mode serial transfer timing (slave mode) (during communication at different potential) (When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1.) CSI mode serial transfer timing (slave mode) (during communication at different potential) (When DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.) Remark p: CSI number (p = 00, 10, 20, 30), m: Unit number (m = 0, 1), n: Channel number (n = 0 to 3), g: PIM and POM number (g = 0 to 3) SIp SOp SCKp Input data Output data tKCY2 tKH2 tKL2 tSIK2 tKSI2 tKSO2 Input data Output data SIp SOp SCKp tKCY2 tKL2 tKH2 tSIK2 tKSI2 tKSO2 |