công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F110ME bảng dữ liệu(PDF) 37 Page - Renesas Technology Corp

tên linh kiện R5F110ME
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110ME bảng dữ liệu(HTML) 37 Page - Renesas Technology Corp

Back Button R5F110ME Datasheet HTML 33Page - Renesas Technology Corp R5F110ME Datasheet HTML 34Page - Renesas Technology Corp R5F110ME Datasheet HTML 35Page - Renesas Technology Corp R5F110ME Datasheet HTML 36Page - Renesas Technology Corp R5F110ME Datasheet HTML 37Page - Renesas Technology Corp R5F110ME Datasheet HTML 38Page - Renesas Technology Corp R5F110ME Datasheet HTML 39Page - Renesas Technology Corp R5F110ME Datasheet HTML 40Page - Renesas Technology Corp R5F110ME Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 37 of 149
Feb 21, 2014
2.4
AC Characteristics
2.4.1
Basic operation
Remark
fMCK: Timer array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of timer mode register mn (TMRmn). m: Unit number (m = 0),
n: Channel number (n = 0 to 7))
(TA = -40 to +85 °C, 1.6 V AVDD = VDD 3.6 V, VSS = 0 V)
(1/2)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Instruction cycle
(minimum instruction
execution time)
TCY
Main system
clock (fMAIN)
operation
HS (high-speed main)
mode
2.7 V
VDD 3.6 V
0.0417
1
s
2.4 V
VDD < 2.7 V
0.0625
1
s
LS (low-speed main)
mode
1.8 V
VDD 3.6 V
0.125
1
s
LV (low-voltage main)
mode
1.6 V
VDD 3.6 V
0.25
1
s
Subsystem clock (fSUB) operation
1.8 V
VDD 3.6 V
28.5
30.5
31.3
s
In the self-
programming
mode
HS (high-speed main)
mode
2.7 V
VDD 3.6 V
0.0417
1
s
2.4 V
VDD < 2.7 V
0.0625
1
s
LS (low-speed main)
mode
1.8 V
VDD 3.6 V
0.125
1
s
LV (low-voltage main)
mode
1.8 V
VDD 3.6 V
0.25
1
s
External main system
clock frequency
fEX
2.7 V
VDD 3.6 V
1.0
20.0
MHz
2.4 V
VDD < 2.7 V
1.0
16.0
MHz
1.8 V
VDD < 2.4 V
1.0
8.0
MHz
1.6 V
VDD < 1.8 V
1.0
4.0
MHz
fEXT
32
35
kHz
External main system
clock input high-level
width, low-level width
tEXH,
tEXL
2.7 V
VDD 3.6 V
24
ns
2.4 V
VDD < 2.7 V
30
ns
1.8 V
VDD < 2.4 V
60
ns
1.6 V
VDD < 1.8 V
120
ns
tEXHS,
tEXLS
13.7
s
TI00 to TI07 input
high-level width,
low-level width
tTIH, tTIL
1/fMCK +
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com