công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F110ME bảng dữ liệu(PDF) 52 Page - Renesas Technology Corp

tên linh kiện R5F110ME
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110ME bảng dữ liệu(HTML) 52 Page - Renesas Technology Corp

Back Button R5F110ME Datasheet HTML 48Page - Renesas Technology Corp R5F110ME Datasheet HTML 49Page - Renesas Technology Corp R5F110ME Datasheet HTML 50Page - Renesas Technology Corp R5F110ME Datasheet HTML 51Page - Renesas Technology Corp R5F110ME Datasheet HTML 52Page - Renesas Technology Corp R5F110ME Datasheet HTML 53Page - Renesas Technology Corp R5F110ME Datasheet HTML 54Page - Renesas Technology Corp R5F110ME Datasheet HTML 55Page - Renesas Technology Corp R5F110ME Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 153 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85 °C)
R01DS0192EJ0200 Rev. 2.00
Page 52 of 149
Feb 21, 2014
Note 1.
Transfer rate in the SNOOZE mode is 4,800 bps only.
Note 2.
Use it with VDD
Vb.
Note 3.
The following conditions are required for low voltage interface.
2.4 V
VDD 2.7 V:
MAX. 2.6 Mbps
1.8 V
VDD 2.4 V:
MAX. 1.3 Mbps
1.6 V
VDD 1.8 V:
MAX. 0.6 Mbps
Note 4.
The maximum operating frequencies of the CPU/peripheral hardware clock (fCLK) are:
HS (high-speed main) mode:
24 MHz (2.7 V
VDD 3.6 V)
16 MHz (2.4 V
VDD 3.6 V)
LS (low-speed main) mode:
8 MHz (1.8 V
VDD 3.6 V)
LV (low-voltage main) mode:
4 MHz (1.6 V
VDD 3.6 V)
Caution
Select the TTL input buffer for the RxDq pin and the N-ch open drain output (VDD tolerance) mode for the TxDq
pin by using port input mode register g (PIMg) and port output mode register g (POMg). For VIH and VIL, see the
DC characteristics with TTL input buffer selected.
Remark 1. Vb[V]: Communication line voltage
Remark 2.
q: UART number (q = 0 to 3), g: PIM and POM number (g = 0 to 3)
Remark 3.
fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number,
n: Channel number (mn = 00 to 03, 10 to 13)
(6)
Communication at different potential (1.8 V, 2.5 V) (UART mode)
(TA = -40 to +85 °C, 1.8 V VDD 3.6 V, VSS = 0 V)
(1/2)
Parameter
Symbol
Conditions
HS (high-speed main)
Mode
LS (low-speed main)
Mode
LV (low-voltage main)
Mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Transfer rate
Notes 1, 2
reception
2.7 V
 VDD  3.6 V,
2.3 V
 Vb  2.7 V
fMCK/6 Note 1
fMCK/6 Note 1
fMCK/6 Note 1
bps
Theoretical value of the
maximum transfer rate
fMCK = fCLK Note 4
4.0
1.3
0.6
Mbps
1.8 V
 VDD  3.3 V,
1.6 V
 Vb  2.0 V
fMCK/6
Notes 1, 2, 3
fMCK/6
Notes 1, 2, 3
fMCK/6
Notes 1, 2, 3
bps
Theoretical value of the
maximum transfer rate
fMCK = fCLK Note 4
4.0
1.3
0.6
Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com