| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A3P030 bảng dữ liệu(PDF) 85 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
A3P030 bảng dữ liệu(HTML) 85 Page - Microsemi Corporation |
|
85 / 220 page ![]() ProASIC3 Flash Family FPGAs Revision 13 2-71 Table 2-97 • Parameter Definition and Measuring Nodes Parameter Name Parameter Definition Measuring Nodes (from, to)* tOCLKQ Clock-to-Q of the Output Data Register HH, DOUT tOSUD Data Setup Time for the Output Data Register FF, HH tOHD Data Hold Time for the Output Data Register FF, HH tOSUE Enable Setup Time for the Output Data Register GG, HH tOHE Enable Hold Time for the Output Data Register GG, HH tOCLR2Q Asynchronous Clear-to-Q of the Output Data Register LL, DOUT tOREMCLR Asynchronous Clear Removal Time for the Output Data Register LL, HH tORECCLR Asynchronous Clear Recovery Time for the Output Data Register LL, HH tOECLKQ Clock-to-Q of the Output Enable Register HH, EOUT tOESUD Data Setup Time for the Output Enable Register JJ, HH tOEHD Data Hold Time for the Output Enable Register JJ, HH tOESUE Enable Setup Time for the Output Enable Register KK, HH tOEHE Enable Hold Time for the Output Enable Register KK, HH tOECLR2Q Asynchronous Clear-to-Q of the Output Enable Register II, EOUT tOEREMCLR Asynchronous Clear Removal Time for the Output Enable Register II, HH tOERECCLR Asynchronous Clear Recovery Time for the Output Enable Register II, HH tICLKQ Clock-to-Q of the Input Data Register AA, EE tISUD Data Setup Time for the Input Data Register CC, AA tIHD Data Hold Time for the Input Data Register CC, AA tISUE Enable Setup Time for the Input Data Register BB, AA tIHE Enable Hold Time for the Input Data Register BB, AA tICLR2Q Asynchronous Clear-to-Q of the Input Data Register DD, EE tIREMCLR Asynchronous Clear Removal Time for the Input Data Register DD, AA tIRECCLR Asynchronous Clear Recovery Time for the Input Data Register DD, AA Note: *See Figure 2-15 on page 2-70 for more information. |