| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9974BBCZ bảng dữ liệu(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9974BBCZ bảng dữ liệu(HTML) 16 Page - Analog Devices |
|
16 / 52 page ![]() AD9974 Rev. A | Page 16 of 52 12 43 H1 TO H4 PROGRAMMABLE LOCATIONS: 1H1 RISING EDGE. 2H1 FALLING EDGE. 3H2 RISING EDGE. 4H2 FALLING EDGE. H2, H4 H1, H3 Figure 19. HCLK Mode 2 Operation 12 4 3 H1 TO H4 PROGRAMMABLE LOCATIONS: 1H1 RISING EDGE. 2H1 FALLING EDGE. 3H3 RISING EDGE. 4H3 FALLING EDGE. H3 H1 H2 H4 Figure 20. HCLK Mode 3 Operation NOTES 1. ALL SIGNAL EDGES ARE FULLY PROGRAMMABLE TO ANY OF THE 64 POSITIONS WITHIN ONE PIXEL PERIOD. TYPICAL POSITIONS FOR EACH SIGNAL ARE SHOWN. HCLK MODE 1 IS SHOWN. 2. CERTAIN POSITIONS SHOULD BE AVOIDED FOR EACH SIGNAL, SHOWN ABOVE AS INHIBIT REGIONS. 3. IF A SETTING IN THE INHIBIT REGION IS USED, AN UNSTABLE PIXEL SHIFT CAN OCCUR IN THE HBLK LOCATION OR AFE PIPELINE. P[0] CLI RG P[64] = P[0] CCD SIGNAL P[32] P[16] P[48] POSITION H2 RGr[0] RGf[16] SHD SHDLOC[0] H1 H1r[0] H1f[32] tS1 SHP SHPLOC[32] DOUTPHASEP DATAPHASEP[32] tDOUTINH tSHDINH tSHPINH Figure 21. High Speed Timing Default Locations |