| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9974BBCZ bảng dữ liệu(PDF) 48 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9974BBCZ bảng dữ liệu(HTML) 48 Page - Analog Devices |
|
48 / 52 page ![]() AD9974 Rev. A | Page 48 of 52 Address Data Bit Content Default Value Update Name Description 0x05 [12:0] X SCP HBLKTOGE5 Fifth HBLK Toggle Position for Even Lines, or RA4H2REPA/B/C. [25:13] X HBLKTOGE6 Sixth HBLK Toggle Position for Even Lines, or RA5H2REPA/B/C. [27:26] X Unused Set unused bits to 0. 0x06 [12:0] X SCP HBLKSTARTA HBLK Repeat Area Start Position A. Used during HBLK Mode 2. [25:13] X HBLKSTARTB HBLK Repeat Area Start Position B. Used during HBLK Mode 2. [27:26] X Unused Set unused bits to 0. 0x07 [12:0] X SCP HBLKSTARTC HBLK Repeat Area Start Position C. Used during HBLK Mode 2. [27:13] X Unused Set unused bits to 0. 0x08 [2:0] X SCP HBLKALT_PAT1 HBLK Pattern 1 Order. Used during pixel mixing mode. [5:3] X HBLKALT_PAT2 HBLK Pattern 2 Order. Used during pixel mixing mode. [8:6] X HBLKALT_PAT3 HBLK Pattern 3 Order. Used during pixel mixing mode. [11:9] X HBLKALT_PAT4 HBLK Pattern 4 Order. Used during pixel mixing mode. [14:12] X HBLKALT_PAT5 HBLK Pattern 5 Order. Used during pixel mixing mode. [17:15] X HBLKALT_PAT6 HBLK Pattern 6 Order. Used during pixel mixing mode. [19:18] X HBLK_MODE HBLK Mode Selection. 0 = normal HBLK. 1 = pixel mixing mode. 2 = special pixel mixing mode. 3 = not used. [20] X TESTMODE Test Operation Only. Set to 0. [27:21] X Unused Set unused bits to 0. 0x09 [12:0] X SCP HBLKLEN HBLK Length in HBLK Alteration Modes. [20:13] X HBLKREP Number of HBLK Repetitions in HBLK Alternation Modes. [21] X HBLKMASK_H1 Masking Polarity for H1/H3 During HBLK. [22] X HBLKMASK_H2 Masking Polarity for H2/H4 During HBLK. [27:23] X Unused Set unused bits to 0. 0xA [12:0] X SCP HBLKSTART HBLK Start Position Used in Pixel Mixing Modes. [25:13] X HBLKEND HBLK End Position Used in Pixel Mixing Modes. [27:26] X Unused Set unused bits to 0. 0xB [27:0] X SCP TESTMODE Test Operation Only. Set to 0. 0xC [12:0] X SCP CLPOB0_TOG1 CLPOB0 Toggle Position 1. [25:13] X CLPOB0_TOG2 CLPOB0 Toggle Position 2. [27:26] X Unused Set unused bits to 0. 0xD [12:0] X SCP CLPOB1_TOG1 CLPOB1 Toggle Position 1. [25:13] X CLPOB1_TOG2 CLPOB1 Toggle Position 2. [27:26] X Unused Set unused bits to 0. 0xE [12:0] X SCP PBLK0_TOG1 PBLK0 Toggle Position 1. [25:13] X PBLK0_TOG2 PBLK0 Toggle Position 2. [27:26] X Unused Set unused bits to 0. 0xF [12:0] X SCP PBLK1_TOG1 PBLK1 Toggle Position 1. [25:13] X PBLK1_TOG2 PBLK1 Toggle Position 2. [27:26] X Unused Set unused bits to 0. Table 31. Field Registers Address Data Bit Content Default Value Update Name Description 0x00 [12:0] X VD SCP0 Sequence Change Position 0. [25:13] X SCP1 Sequence Change Position 1. [27:26] X Unused Set unused bits to 0. 0x01 [12:0] X VD SCP2 Sequence Change Position 2. [25:13] X SCP3 Sequence Change Position 3. [27:26] X Unused Set unused bits to 0. |