công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DM330023-2 bảng dữ liệu(PDF) 42 Page - Microchip Technology

tên linh kiện DM330023-2
Giải thích chi tiết về linh kiện  dsPICDEM MCHV Development System User?셲 Guide
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM330023-2 bảng dữ liệu(HTML) 42 Page - Microchip Technology

Back Button DM330023-2 Datasheet HTML 38Page - Microchip Technology DM330023-2 Datasheet HTML 39Page - Microchip Technology DM330023-2 Datasheet HTML 40Page - Microchip Technology DM330023-2 Datasheet HTML 41Page - Microchip Technology DM330023-2 Datasheet HTML 42Page - Microchip Technology DM330023-2 Datasheet HTML 43Page - Microchip Technology DM330023-2 Datasheet HTML 44Page - Microchip Technology DM330023-2 Datasheet HTML 45Page - Microchip Technology DM330023-2 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
dsPICDEM™ MCHV Development System User’s Guide
DS70605A-page 36
 2009 Microchip Technology Inc.
TABLE 4-4:
dsPIC33FJXXXMC710 PIM CONFIGURATION DETAILS
PIM Pin
Number
Labels on the
dsPICDEM™ MCHV
Development System
dsPIC33FJ64MC710
dsPIC33FJ128MC710
dsPIC33FJ256MC710
PIM Resistor
Configuration
Pin Number
Pin Name
93
PWM1L1
93
PWM1L/RE0
Not applicable
94
PWM1H1
94
PWM1H/RE1
Not applicable
98
PWM1L2
98
PWM2L/RE2
Not applicable
99
PWM1H2
99
PWM2H/RE3
Not applicable
100
PWM1L3
100
PWM3L/RE4
Not applicable
3
PWM1H3
3
PWM3H/RE5
Not applicable
78
PWM2L1
78
OC4/RD3
Not applicable
18
FAULT
18
AN20/FLTA/INT1/RE8
Not applicable
19
PFC_FLT
19
AN21/FLTB/INT2/RE9
Not applicable
26
PGC
26
PGEC1/AN6/OFCA/RB6
Not applicable
27
PGD
27
PGED1//AN7/RB7
Not applicable
63
OSI
63
OSC1/CLKIN/RC12
Not applicable
64
OSO
64
OSC2/CLKO/RC15
Not applicable
25
IPFC
25
PGED3/AN0/CN2/RB0
Not applicable
24
VACZX_VAC_POT
24
PGEC3/AN1/CN3/RB1
Not applicable
35
Not applicable
35
AN11/RB11
Not applicable
23
VBUS
23
AN2/SS1/CN4/RB2
Not applicable
41
Not applicable
41
AN12/RB12
Not applicable
22
MONITOR_1
22
AN3/INDX/CN5/RB3
Not applicable
42
Not applicable
42
AN13/RB13
Not applicable
21
MONITOR_2
21
AN4/QEA/CN6/RB4
Not applicable
43
Not applicable
43
AN14/RB14
Not applicable
20
MONITOR_3
20
AN5/QEB/CN7/RB5
Not applicable
80
HA/QEA
80
IC6/CN19/RD13
Not applicable
47
HB/QEB
47
IC7/U1CTS/CN20/RD14
Not applicable
48
HC/INDX
48
IC8/U1RTS/CN21/RD15
Not applicable
—
VA
—
Not connected
Not applicable
—
VB
—
Not connected
Not applicable
—
VC
—
Not connected
Not applicable
—
IA
—
Not connected
Not applicable
—
IB
—
Not connected
Not applicable
—
IBUS
—
Not connected
Not applicable
—
VAC
—
Not connected
Not applicable
33
POT
33
AN9/RB9
Not applicable
79
VACZX
79
IC5/RD12
Not applicable
49
RX
49
U2RX/CN17/RF4
Not applicable
50
TX
50
U2TX/CN18/RF5
Not applicable
—
USB_RX
—
Not connected
Not applicable
—
USB_TX
—
Not connected
Not applicable
68
BTN
68
IC1/RD8
Not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64