| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM330023-2 bảng dữ liệu(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM330023-2 bảng dữ liệu(HTML) 28 Page - Microchip Technology |
|
28 / 64 page ![]() dsPICDEM™ MCHV Development System User’s Guide DS70605A-page 22 2009 Microchip Technology Inc. 2.4.4.2 DEBUGGING THE APPLICATION MPLAB IDE provides an editor and several debug features such as breakpoints and Watch windows to aid in application code debugging. 2.4.4.2.1 Editing Application Code To view application code so it may be edited, do one of the following: Select Edit>New to create new code or Edit>Open to search for and open an existing code file, or double click a file in the Project window to open an existing code file. See an example Project window in Figure 2-7. FIGURE 2-7: PROJECT EXAMPLE For more information on using the MPLAB Editor to create and edit code, see the MPLAB Editor Help. Existing Code |