| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F87 bảng dữ liệu(PDF) 151 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F87 bảng dữ liệu(HTML) 151 Page - Microchip Technology |
|
151 / 230 page ![]() 2002-2013 Microchip Technology Inc. DS30487D-page 151 PIC16F87/88 16.2 Instruction Descriptions ADDLW Add Literal and W Syntax: [ label ] ADDLW k Operands: 0 k 255 Operation: (W) + k (W) Status Affected: C, DC, Z Description: The contents of the W register are added to the eight-bit literal ‘k’ and the result is placed in the W register. ADDWF Add W and f Syntax: [ label ] ADDWF f,d Operands: 0 f 127 d [0,1] Operation: (W) + (f) (destination) Status Affected: C, DC, Z Description: Add the contents of the W register with register ‘f’. If ‘d’ = 0, the result is stored in the W register. If ‘d’ = 1, the result is stored back in register ‘f’. ANDLW AND Literal with W Syntax: [ label ] ANDLW k Operands: 0 k 255 Operation: (W) .AND. (k) (W) Status Affected: Z Description: The contents of W register are AND’ed with the eight-bit literal ‘k’. The result is placed in the W register. ANDWF AND W with f Syntax: [ label ] ANDWF f,d Operands: 0 f 127 d [0,1] Operation: (W) .AND. (f) (destination) Status Affected: Z Description: AND the W register with register ‘f’. If ‘d’ = 0, the result is stored in the W register. If ‘d’ = 1, the result is stored back in register ‘f’. BCF Bit Clear f Syntax: [ label ] BCF f,b Operands: 0 f 127 0 b 7 Operation: 0 (f<b>) Status Affected: None Description: Bit ‘b’ in register ‘f’ is cleared. BSF Bit Set f Syntax: [ label ] BSF f,b Operands: 0 f 127 0 b 7 Operation: 1 (f<b>) Status Affected: None Description: Bit ‘b’ in register ‘f’ is set. |