| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F87 bảng dữ liệu(PDF) 66 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F87 bảng dữ liệu(HTML) 66 Page - Microchip Technology |
|
66 / 230 page ![]() PIC16F87/88 DS30487D-page 66 2002-2013 Microchip Technology Inc. FIGURE 5-15: BLOCK DIAGRAM OF RB7/AN6(3)/PGD/T1OSI PIN Data Latch From other RBPU(2) P VDD I/O pin(1) Q D CK Q D CK QD EN QD EN Data Bus WR T1OSCEN Set RBIF TRIS Latch RD TRISB RD PORTB RB7:RB4 pins Weak Pull-up RD PORTB Latch Q3 Q1 PORTB Note 1: I/O pins have diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit. 3: PIC16F88 devices only. PGD PGD Port/Program Mode/ICD Analog TTL Input Buffer Input Mode To T1OSCI Input 1 0 PGD DRVEN T1OSCEN WR TRISB To A/D Module Channel Input (PIC16F88 only) 1 0 Analog Input Mode |