công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT8016L bảng dữ liệu(PDF) 3 Page - Richtek Technology Corporation

tên linh kiện RT8016L
Giải thích chi tiết về linh kiện  1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8016L bảng dữ liệu(HTML) 3 Page - Richtek Technology Corporation

  RT8016L Datasheet HTML 1Page - Richtek Technology Corporation RT8016L Datasheet HTML 2Page - Richtek Technology Corporation RT8016L Datasheet HTML 3Page - Richtek Technology Corporation RT8016L Datasheet HTML 4Page - Richtek Technology Corporation RT8016L Datasheet HTML 5Page - Richtek Technology Corporation RT8016L Datasheet HTML 6Page - Richtek Technology Corporation RT8016L Datasheet HTML 7Page - Richtek Technology Corporation RT8016L Datasheet HTML 8Page - Richtek Technology Corporation RT8016L Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RT8016L
3
DS8016L-02 March 2011
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN ----------------------------------------------------------------------------------------------- 6.5V
EN, FB Pin Voltage -------------------------------------------------------------------------------------------------------
−0.3V to VIN
Power Dissipation, PD @ TA = 25
°C
WQFN-8L 1.6x1.6 (COL) ------------------------------------------------------------------------------------------------ 0.833W
Package Thermal Resistance (Note 2)
WQFN-8L 1.6x1.6 (COL),
θJA ------------------------------------------------------------------------------------------- 120°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
Electrical Characteristics
(VIN = 3.6V, VOUT = 2.5V, VREF = 0.6V, L = 2.2
μH, CIN = 4.7μF, COUT = 10μF, TA = 25°C, IMAX = 600mA unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
IQ
IOUT = 0mA, VFB = VREF + 5%
--
50
70
μA
Shutdown Current
ISHDN
EN = GND
--
0.1
1
μA
Reference Voltage
VREF
For Adjustable Output Voltage
0.588
0.6
0.612
V
Adjustable Output Range VOUT
(Note 6)
VREF
--
VIN
0.2V
V
Fixed
ΔVOUT
VIN = (VOUT + ΔV) to 5.5V or
VIN > 2.5V whichever is larger. (Note 5)
−3
--
3
%
Output
Voltage
Accuracy
Adjustable
ΔVOUT
VIN = VOUT + ΔV to 5.5V (Note 5)
0A < IOUT < 600mA
3
--
3
%
FB Input Current
IFB
VFB = VIN
−50
--
50
nA
VIN = 3.6V
--
0.28
--
P-MOSFET RON
RDS(ON)_P IOUT = 200mA
VIN = 2.5V
--
0.38
--
Ω
VIN = 3.6V
--
0.25
--
N-MOSFET RON
RDS(ON)_N IOUT = 200mA
VIN = 2.5V
--
0.35
--
Ω
P-Channel Current Limit
ILIM_P
VIN = 2.5V to 5.5 V
0.6
1.5
--
A
Logic High
VEN_H
1.5
--
VIN
V
EN Input
Voltage
Logic Low
VEN_L
--
--
0.4
V
UVLO Threshold
VUVLO
--
1.8
--
V
UVLO Hysteresis
ΔVUVLO
--
0.1
--
V
Oscillator Frequency
fOSC
VIN = 3.6V, IOUT = 100mA
1.2
1.5
1.8
MHz
To be continued
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN ------------------------------------------------------------------------------------------------ 2.5V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13