công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT8016L bảng dữ liệu(PDF) 10 Page - Richtek Technology Corporation

tên linh kiện RT8016L
Giải thích chi tiết về linh kiện  1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8016L bảng dữ liệu(HTML) 10 Page - Richtek Technology Corporation

Back Button RT8016L Datasheet HTML 5Page - Richtek Technology Corporation RT8016L Datasheet HTML 6Page - Richtek Technology Corporation RT8016L Datasheet HTML 7Page - Richtek Technology Corporation RT8016L Datasheet HTML 8Page - Richtek Technology Corporation RT8016L Datasheet HTML 9Page - Richtek Technology Corporation RT8016L Datasheet HTML 10Page - Richtek Technology Corporation RT8016L Datasheet HTML 11Page - Richtek Technology Corporation RT8016L Datasheet HTML 12Page - Richtek Technology Corporation RT8016L Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
RT8016L
10
DS8016L-02 March 2011
www.richtek.com
looking into the LX pin is a function of both top and bottom
MOSFET RDS(ON) and the duty cycle (DC) as follows :
RSW = RDS(ON)TOP x DC
+ RDS(ON)BOT x (1−DC)
The RDS(ON) for both the top and bottom MOSFETs can be
obtained from the Typical Operating Characteristics curves.
Thus, to obtain I2R losses, simply add RSW to RL and
multiply the result by the square of the average output
current.
Other losses including CIN and COUT ESR dissipative
losses and inductor core losses generally account for less
than 2% of the total loss.
Checking Transient Response
The regulator loop response can be checked by looking
at the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to ΔILOAD (ESR), where ESR is the effective series
resistance of COUT. ΔILOAD also begins to charge or
discharge COUT generating a feedback error signal used
by the regulator to return VOUT to its steady state value.
During this recovery time, VOUT can be monitored for
overshoot or ringing which would indicate a stability
problem.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TA is
the ambient temperature, and
θJA is the junction to ambient
thermal resistance.
For recommended operating condition specifications of
the RT8016L, the maximum junction temperature is 125
°C
and TA is the ambient temperature. The junction to ambient
thermal resistance,
θJA, is layout dependent. For WQFN-
8L 1.6x1.6 (COL) packages, the thermal resistance,
θJA,
is 120
°C/W on a standard JEDEC 51-7 four-layer thermal
test board. The maximum power dissipation at TA = 25
°C
can be calculated by the following formula:
PD(MAX) = (125
°C − 25°C) / (120°C/W) = 0.833W
for WQFN-8L 1.6x1.6 (COL) package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ (MAX) and thermal
resistance,
θJA. For the RT8016L package, the derating
curve in Figure 4 allows the designer to see the effect of
rising ambient temperature on the maximum power
dissipation.
Layout Considerations
Follow the PCB layout guidelines for optimal performance
of the RT8016L.
For the main current paths, keep their traces short and
wide.
Put the input capacitor as close as possible to the device
pins (VIN and GND).
LX node is with high frequency voltage swing and should
be kept in a small area. Keep analog components away
from LX node to prevent stray capacitive noise pick-up.
Connect feedback network behind the output capacitors.
Keep the loop area small. Place the feedback
components near the RT8016L.
Connect all analog grounds to a common node and then
connect the common node to the power ground behind
the output capacitors.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
25
50
75
100
125
Ambient Temperature (°C)
Four Layer PCB
(
°C)
Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com