công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT8016L bảng dữ liệu(PDF) 2 Page - Richtek Technology Corporation

tên linh kiện RT8016L
Giải thích chi tiết về linh kiện  1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8016L bảng dữ liệu(HTML) 2 Page - Richtek Technology Corporation

  RT8016L Datasheet HTML 1Page - Richtek Technology Corporation RT8016L Datasheet HTML 2Page - Richtek Technology Corporation RT8016L Datasheet HTML 3Page - Richtek Technology Corporation RT8016L Datasheet HTML 4Page - Richtek Technology Corporation RT8016L Datasheet HTML 5Page - Richtek Technology Corporation RT8016L Datasheet HTML 6Page - Richtek Technology Corporation RT8016L Datasheet HTML 7Page - Richtek Technology Corporation RT8016L Datasheet HTML 8Page - Richtek Technology Corporation RT8016L Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT8016L
2
DS8016L-02 March 2011
www.richtek.com
Function Block Diagram
Typical Application Circuit
Figure 1. Fixed Voltage Regulator
Figure 2. Adjustable Voltage Regulator
+
=
R2
R1
1
x
V
V
REF
OUT
with R2 = 300k
Ω to 60kΩ so IR2 = 2μA to 10μA,
and (R1 x C1) should be in the range between 3x10-6 and
6x10-6 for component selection.
4.7µF
10µF
VIN
LX
RT8016L
EN
VOUT
2.2µH
2.5V to 5.5V
VIN
VOUT
CIN
L
7
5
3
2
1, 6
COUT
GND
4.7µF
10µF
VIN
LX
RT8016L
EN
FB
2.2µH
2.5V to 5.5V
VIN
VOUT
CIN
L
7
5
3
2
COUT
R1
R2
C1
IR2
1, 6
GND
Functional Pin Description
Pin No.
Pin Name
Pin Function
1, 6
GND
Ground Pin.
2
EN
Chip Enable (Active High).
3
VIN
Power Input Pin
4, 8
NC
No Internal Connection.
5
LX
Switching Pin for Step-down Converter
7
FB/VOUT Feedback/Output Voltage Pin.
CCOMP
RC
RS1
RS2
EN
VIN
LX
FB/VOUT
UVLO &
Power Good
Detector
VREF
Slope
Compensation
Current
Sense
OSC &
Shutdown
Control
Current
Limit
Detector
Driver
Control
Logic
PWM
Comparator
Error
Amplifier
GND
Current
Source
Controller
Mux
Current
Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com