công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT8016L bảng dữ liệu(PDF) 8 Page - Richtek Technology Corporation

tên linh kiện RT8016L
Giải thích chi tiết về linh kiện  1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8016L bảng dữ liệu(HTML) 8 Page - Richtek Technology Corporation

Back Button RT8016L Datasheet HTML 4Page - Richtek Technology Corporation RT8016L Datasheet HTML 5Page - Richtek Technology Corporation RT8016L Datasheet HTML 6Page - Richtek Technology Corporation RT8016L Datasheet HTML 7Page - Richtek Technology Corporation RT8016L Datasheet HTML 8Page - Richtek Technology Corporation RT8016L Datasheet HTML 9Page - Richtek Technology Corporation RT8016L Datasheet HTML 10Page - Richtek Technology Corporation RT8016L Datasheet HTML 11Page - Richtek Technology Corporation RT8016L Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
RT8016L
8
DS8016L-02 March 2011
www.richtek.com
Application Information
The basic RT8016L application circuit is shown in Typical
Application Circuit. External component selection is
determined by the maximum load current and begins with
the selection of the inductor value and operating frequency
followed by CIN and COUT.
Inductor Selection
For a given input and output voltage, the inductor value
and operating frequency determine the ripple current. The
ripple current ΔIL increases with higher VIN and decreases
with higher inductance:
OUT
OUT
L
IN
VV
I
x 1
F x L
V
⎡⎤
⎡⎤
Δ=
⎢⎥
⎢⎥
⎣⎦
⎣⎦
Having a lower ripple current reduces the ESR losses in
the output capacitors and the output voltage ripple. Highest
efficiency operation is achieved at low frequency with small
ripple current. This, however, requires a large inductor. A
reasonable starting point for selecting the ripple current
is ΔIL = 0.4(IMAX). The largest ripple current occurs at the
highest VIN. To guarantee that the ripple current stays
below a specified maximum, the inductor value should be
chosen according to the following equation :
OUT
OUT
L(MAX)
IN(MAX)
VV
L
x 1
f x ΔIV
⎡⎤
=−
⎢⎥
⎢⎥
⎣⎦
Inductor Core Selection
Once the value for L is known, the type of inductor can be
selected. High efficiency converters generally cannot afford
the core loss found in low cost powdered iron cores, forcing
the use of more expensive ferrite or mollypermalloy cores.
Actual core loss is independent of core size for a fixed
inductor value but it is very dependent on the inductance
selected. As the inductance increases, core losses
decrease. Unfortunately, increased inductance requires
more turns of wire and therefore copper losses will
increase. Ferrite designs have very low core losses and
are preferred at high switching frequencies, so design goals
can concentrate on copper loss and preventing saturation.
Ferrite core material saturates “hard”, which means that
inductance collapses abruptly when the peak design
current is exceeded. This results in an abrupt increase in
inductor ripple current and consequent output voltage ripple.
Do not allow the core to saturate!
Different core materials and shapes will change the size/
current and price/current relationship of an inductor.
Toroid or shielded pot cores in ferrite or permalloy materials
are small and don't radiate energy but generally cost more
than powdered iron core inductors with similar
characteristics. The choice of which style inductor to use
mainly depends on the price vs. size requirements and
any radiated field/EMI requirements.
CIN and COUT Selection
The input capacitance, CIN, is needed to filter the
trapezoidal current at the source of the top MOSFET. To
prevent large ripple voltage, a low ESR input capacitor
sized for the maximum RMS current should be used. RMS
current is given by :
OUT
IN
RMS
OUT(MAX)
IN
OUT
V
V
II
1
VV
=−
This formula has a maximum at VIN = 2VOUT, where IRMS
= IOUT/2. This simple worst case condition is commonly
used for design because even significant deviations do
not offer much relief. Note that ripple current ratings from
capacitor manufacturers are often based on only 2000
hours of life which makes it advisable to further derate the
capacitor, or choose a capacitor rated at a higher
temperature than required. Several capacitors may also
be paralleled to meet size or height requirements in the
design.
The selection of COUT is determined by the effective series
resistance (ESR) that is required to minimize voltage ripple
and load step transients, as well as the amount of bulk
capacitance that is necessary to ensure that the control
loop is stable. Loop stability can be checked by viewing
the load transient response as described in a later section.
The output ripple, ΔVOUT, is determined by :
OUT
L
OUT
1
VI ESR
8fC
⎡⎤
Δ≤ Δ
+
⎢⎥
⎣⎦
The output ripple is highest at maximum input voltage
since ΔILincreases with input voltage. Multiple capacitors
placed in parallel may be needed to meet the ESR and
RMS current handling requirements. Dry tantalum, special
polymer, aluminum electrolytic and ceramic capacitors are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com