| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24FJ128GA310 bảng dữ liệu(PDF) 266 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA310 bảng dữ liệu(HTML) 266 Page - Microchip Technology |
|
266 / 406 page ![]() PIC24FJ128GA310 FAMILY DS39996F-page 266 2010-2011 Microchip Technology Inc. 21.1 Registers The LCD controller has up to 40 registers: • LCD Control Register (LCDCON) • LCD Charge Pump Control Register (LCDREG) • LCD Phase Register (LCDPS) • LCD Voltage Ladder Control Register (LCDREF) • Four LCD Segment Enable Registers (LCDSE3:LCDSE0) • Up to 32 LCD Data Registers (LCDDATA31:LCDDATA0) REGISTER 21-1: LCDCON: LCD CONTROL REGISTER R/W-0 U-0 R/W-0 U-0 U-0 U-0 U-0 U-0 LCDEN — LCDSIDL — — — — — bit 15 bit 8 U-0 R/W-0 R/C-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 — SLPEN WERR CS1 CS0 LMUX2 LMUX1 LMUX0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15 LCDEN : LCD Driver Enable bit 1 = LCD driver module is enabled 0 = LCD driver module is disabled bit 14 Unimplemented: Read as ‘0’ bit 13 LCDSIDL : Stop LCD Drive in CPU Idle Mode Control bit 1 = LCD driver Halts in CPU Idle mode 0 = LCD driver continues to operate in CPU Idle mode bit 12-7 Unimplemented: Read as ‘0’ bit 6 SLPEN : LCD Driver Enable in Sleep mode bit 1 = LCD driver module is disabled in Sleep mode 0 = LCD driver module is enabled in Sleep mode bit 5 WERR : LCD Write Failed Error bit 1 = LCDDATAx register is written while WA (LCDPS<4>) = 0 (must be cleared in software) 0 = No LCD write error bit 4-3 CS<1:0> : Clock Source Select bits 00 =FRC 01 =LPRC 1x =SOSC |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |