| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24FJ128GA310 bảng dữ liệu(PDF) 265 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA310 bảng dữ liệu(HTML) 265 Page - Microchip Technology |
|
265 / 406 page ![]() 2010-2011 Microchip Technology Inc. DS39996F-page 265 PIC24FJ128GA310 FAMILY 21.0 LIQUID CRYSTAL DISPLAY (LCD) CONTROLLER The Liquid Crystal Display (LCD) Controller generates the data and timing control required to directly drive a static or multiplexed LCD panel. In 100-pin devices (PIC24FJXXXGA310), the module can drive panels of up to eight commons and up to 60 segments when 5 to 8 commons are used, or up to 64 segments when 1 to 4 commons are used. The module has these features: • Direct driving of LCD panel • Three LCD clock sources with selectable prescaler • Up to eight commons: - Static (One common) - 1/2 multiplex (two commons) - 1/3 multiplex (three commons) - 1/8 multiplex (eight commons) • Ability to drive from 30 (in 64-pin devices) to 64 (100-pin) segments, depending on the Multiplexing mode selected • Static, 1/2 or 1/3 LCD bias • On-chip bias generator with dedicated charge pump to support a range of fixed and variable bias options • Internal resistors for bias voltage generation • Software contrast control for LCD using internal biasing A simplified block diagram of the module is shown in Figure 21-1. FIGURE 21-1: LCD CONTROLLER MODULE BLOCK DIAGRAM Note: This data sheet summarizes the features of this group of PIC24F devices. It is not intended to be a comprehensive reference source. For more information, refer to the “PIC24F Family Reference Manual” , Section 52. “Liquid Crystal Display (LCD)” (DS39740). The information in this data sheet supersedes the information in the FRM. COM<7:0> Timing Control Data Bus SOSC FRC Oscillator LPRC Oscillator 512 to 64 MUX SEG<63:0> To I/O Pins 32 x 16 (= 8 x 64) LCD DATA LCDCON LCDPS LCDSEx LCDDATA0 LCDDATA1 LCDDATA30 LCDDATA31 . . . LCD Bias Generation LCD Clock Source Select LCD Charge Pump 64 8 Bias Voltage 16 (Secondary Oscillator) Resistor Ladder LCDREF LCDREG |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |