công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC24FJ128GA310 bảng dữ liệu(PDF) 23 Page - Microchip Technology

tên linh kiện PIC24FJ128GA310
Giải thích chi tiết về linh kiện  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 bảng dữ liệu(HTML) 23 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 19Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 20Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 21Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 22Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 23Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 24Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 25Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 26Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 23
PIC24FJ128GA310 FAMILY
RB0
16
20
25
K2
I/O
ST
PORTB Digital I/O.
RB1
151924
K1
I/O
ST
RB2
141823
J2
I/O
ST
RB3
131722
J1
I/O
ST
RB4
121621
H2
I/O
ST
RB5
11
15
20
H1
I/O
ST
RB6
172126L1
I/O
ST
RB7
182227
J3
I/O
ST
RB8
212732
K4
I/O
ST
RB9
222833L4
I/O
ST
RB10
23
29
34
L5
I/O
ST
RB11
24
30
35
J5
I/O
ST
RB12
27
33
41
J7
I/O
ST
RB13
28
34
42
L7
I/O
ST
RB14
29
35
43
K7
I/O
ST
RB15
30
36
44
L8
I/O
ST
RC1
—
4
6
D1
I/O
ST
PORTC Digital I/O.
RC2
—
—
7
E4
I/O
ST
RC3
—
5
8
E2
I/O
ST
RC4
—
—
9
E1
I/O
ST
RC12
394963
F9
I/O
ST
RC13
475973
C10
I
ST
RC14
486074
B11
I
ST
RC15
405064
F11
I/O
ST
RD0
46
58
72
D9
I/O
ST
PORTD Digital I/O.
RD1
49
61
76
A11
I/O
ST
RD2
50
62
77
A10
I/O
ST
RD3
51
63
78
B9
I/O
ST
RD4
52
66
81
C8
I/O
ST
RD5
53
67
82
B8
I/O
ST
RD6
54
68
83
D7
I/O
ST
RD7
55
69
84
C7
I/O
ST
RD8
42
54
68
E9
I/O
ST
RD9
43
55
69
E10
I/O
ST
RD10
445670
D11
I/O
ST
RD11
455771
C11
I/O
ST
RD12
—
64
79
A9
I/O
ST
RD13
—
65
80
D8
I/O
ST
RD14
—
37
47
L9
I/O
ST
RD15
—
38
48
K9
I/O
ST
TABLE 1-4:
PIC24FJ128GA310 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Pin
Function
Pin Number/Grid Locator
I/O
Input
Buffer
Description
64-Pin
TQFP
80-Pin
TQFP
100-Pin
TQFP
121-Pin
BGA
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C™ = I2C/SMBus input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More