| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24FJ128GA310 bảng dữ liệu(PDF) 80 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA310 bảng dữ liệu(HTML) 80 Page - Microchip Technology |
|
80 / 406 page ![]() PIC24FJ128GA310 FAMILY DS39996F-page 80 2010-2011 Microchip Technology Inc. REGISTER 5-2: DMACHn: DMA CHANNEL n CONTROL REGISTER U-0 U-0 U-0 r-0 R/W-0 R/W-0 R/W-0 R/W-0 — — — r —NULLW RELOAD(1) CHREQ(3) bit 15 bit 8 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 SAMODE1 SAMODE0 DAMODE1 DAMODE0 TRMODE1 TRMODE0 SIZE CHEN bit 7 bit 0 Legend: r = Reserved bit R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-12 Unimplemented: Read as ‘0’ bit 12 Reserved: Maintain as ‘0’ bit 11 Unimplemented: Read as ‘0’ bit 10 NULLW: Null Write Mode bit 1 = A dummy write is initiated to DMASRC for every write to DMADST 0 = No dummy write is initiated bit 9 RELOAD: Address and Count Reload bit(1) 1 = DMASRC, DMADST, and DMACNT registers are reloaded to their previous values upon the start of the next operation 0 = DMASRC, DMADST and DMACNT are not reloaded on the start of the next operation(2) bit 8 CHREQ: DMA Channel Software Request bit(3) 1 = A DMA request is initiated by software; automatically cleared upon completion of a DMA transfer 0 = No DMA request is pending bit 7-6 SAMODE<1:0>: Source Address Mode Selection bits 11 = DMASRC is used in Peripheral Indirect Addressing and remains unchanged 10 = DMASRC is decremented based on SIZE bit after a transfer completion 01 = DMASRC is incremented based on SIZE bit after a transfer completion 00 = DMASRC remains unchanged after a transfer completion bit 5-4 DAMODE<1:0>: Destination Address Mode Selection bits 11 = DMADST is used in Peripheral Indirect Addressing and remains unchanged 10 = DMADST is decremented based on SIZE bit after a transfer completion 01 = DMADST is incremented based on SIZE bit after a transfer completion 00 = DMADST remains unchanged after a transfer completion bit 3-2 TRMODE<1:0>: Transfer Mode Selection bits 11 = Repeated Continuous 10 = Continuous 01 = Repeated One-Shot 00 = One-Shot bit 1 SIZE: Data Size Selection bit 1 = Byte (8-bit) 0 = Word (16-bit) bit 0 CHEN: DMA Channel Enable bit 1 = The corresponding channel is enabled 0 = The corresponding channel is disabled Note 1: Only the original DMACNT is required to be stored to recover the original DMASRC and DMADST. 2: DMASRC, DMADST and DMACNT are always reloaded in Repeated mode transfers (DMACHn<2> = 1), regardless of the state of the RELOAD bit. 3: The number of transfers executed while CHREQ is set depends on the configuration of TRMODE<1:0>. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |