| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24FJ128GA310 bảng dữ liệu(PDF) 261 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA310 bảng dữ liệu(HTML) 261 Page - Microchip Technology |
|
261 / 406 page ![]() 2010-2011 Microchip Technology Inc. DS39996F-page 261 PIC24FJ128GA310 FAMILY REGISTER 20-7: PMCSxMD: CHIP SELECT x MODE REGISTER R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 U-0 U-0 U-0 ACKM1 ACKM0 AMWAIT2 AMWAIT1 AMWAIT0 — — — bit 15 bit 8 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 DWAITB1 DWAITB0 DWAITM3 DWAITM2 DWAITM1 DWAITM0 DWAITE1 DWAITE0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-14 ACKM<1:0>: Chip Select x Acknowledge Mode bits 11 = Reserved 10 = PMACKx is used to determine when a read/write operation is complete 01 = PMACKx is used to determine when a read/write operation is complete with time-out (If DWAITM<3:0> = 0000, the maximum time-out is 255 TCY or else it is DWAITM<3:0> cycles.) 00 = PMACKx is not used bit 13-11 AMWAIT<2:0>: Chip Select x Alternate Master Wait States bits 111 = Wait of 10 alternate master cycles . . . 001 = Wait of 4 alternate master cycles 000 = Wait of 3 alternate master cycles bit 10-8 Unimplemented: Read as ‘0’ bit 7-6 DWAITB<1:0>: Chip Select x Data Setup Before Read/Write Strobe Wait States bits 11 = Wait of 3¼ TCY 10 = Wait of 2¼ TCY 01 = Wait of 1¼ TCY 00 = Wait of ¼ TCY bit 5-2 DWAITM<3:0>: Chip Select x Data Read/Write Strobe Wait States bits For Write Operations: 1111 = Wait of 15½ TCY . . . 0001 = Wait of 1½ TCY 0000 = Wait of ½ TCY For Read Operations: 1111 = Wait of 15¾ TCY . . . 0001 = Wait of 1¾ TCY 0000 = Wait of ¾ TCY bit 1-0 DWAITE<1:0>: Chip Select x Data Hold After Read/Write Strobe Wait States bits For Write Operations: 11 = Wait of 3¼ TCY 10 = Wait of 2¼ TCY 01 = Wait of 1¼ TCY 00 = Wait of ¼ TCY For Read Operations: 11 = Wait of 3 TCY 10 = Wait of 2 TCY 01 = Wait of 1 TCY 00 = Wait of 0 TCY |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |