công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC24FJ128GA310 bảng dữ liệu(PDF) 257 Page - Microchip Technology

tên linh kiện PIC24FJ128GA310
Giải thích chi tiết về linh kiện  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 bảng dữ liệu(HTML) 257 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 253Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 254Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 255Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 256Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 257Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 258Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 259Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 260Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 261Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 257
PIC24FJ128GA310 FAMILY
REGISTER 20-3:
PMCON3: EPMP CONTROL REGISTER 3
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
PTWREN
PTRDEN
PTBE1EN
PTBE0EN
—
AWAITM1
AWAITM0
AWAITE
bit 15
bit 8
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—PTEN22(1)
PTEN21(1)
PTEN20(1)
PTEN19(1)
PTEN18(1)
PTEN17(1)
PTEN16(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
PTWREN:
Write/Enable Strobe Port Enable bit
1
= PMWR/PMENB port is enabled
0
= PMWR/PMENB port is disabled
bit 14
PTRDEN:
Read/Write Strobe Port Enable bit
1
= PMRD/PMWR port is enabled
0
= PMRD/PMWR port is disabled
bit 13
PTBE1EN:
High Nibble/Byte Enable Port Enable bit
1
= PMBE1 port is enabled
0
= PMBE1 port is disabled
bit 12
PTBE0EN:
Low Nibble/Byte Enable Port Enable bit
1
= PMBE0 port is enabled
0
= PMBE0 port is disabled
bit 11
Unimplemented:
Read as ‘0’
bit 10-9
AWAITM<1:0>:
Address Latch Strobe Wait States bits
11
= Wait of 3½ TCY
10
= Wait of 2½ TCY
01
= Wait of 1½ TCY
00
= Wait of ½ TCY
bit bit 8
AWAITE:
Address Hold After Address Latch Strobe Wait States bits
1
= Wait of 1¼ TCY
0
= Wait of ¼ TCY
bit 7
Unimplemented:
Read as ‘0’
bit 6-0
PTEN<22:16>:
EPMP Address Port Enable bits(1)
1
= PMA<22:16> function as EPMP address lines
0
= PMA<22:16> function as port I/Os
Note 1:
These bits are not available in 80 and 64-pin devices (PIC24FJXXXGA306, PIC24FJXXXGA308).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com