| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24FJ128GA310 bảng dữ liệu(PDF) 255 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA310 bảng dữ liệu(HTML) 255 Page - Microchip Technology |
|
255 / 406 page ![]() 2010-2011 Microchip Technology Inc. DS39996F-page 255 PIC24FJ128GA310 FAMILY REGISTER 20-1: PMCON1: EPMP CONTROL REGISTER 1 R/W-0 U-0 R/W-0 R/W-0 R/W-0 U-0 R/W-0 R/W-0 PMPEN — PSIDL ADRMUX1 ADRMUX0 —MODE1 MODE0 bit 15 bit 8 R/W-0 R/W-0 R/W-0 R/W-0 U-0 R/W-0 R/W-0 R/W-0 CSF1 CSF0 ALP ALMODE — BUSKEEP IRQM1 IRQM0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15 PMPEN: Parallel Master Port Enable bit 1 = EPMP is enabled 0 = EPMP is disabled bit 14 Unimplemented: Read as ‘0’ bit 13 PSIDL: Stop in Idle Mode bit 1 = Discontinue module operation when device enters Idle mode 0 = Continue module operation in Idle mode bit 12-11 ADRMUX<1:0>: Address/Data Multiplexing Selection bits 11 = Lower address bits are multiplexed with data bits using 3 address phases 10 = Lower address bits are multiplexed with data bits using 2 address phases 01 = Lower address bits are multiplexed with data bits using 1 address phase 00 = Address and data appear on separate pins bit 10 Unimplemented: Read as ‘0’ bit 9-8 MODE<1:0>: Parallel Port Mode Select bits 11 = Master mode 10 = Enhanced PSP; pins used are PMRD, PMWR, PMCS, PMD<7:0> and PMA<1:0> 01 = Buffered PSP; pins used are PMRD, PMWR, PMCS and PMD<7:0> 00 = Legacy Parallel Slave Port; PMRD, PMWR, PMCS and PMD<7:0> pins are used bit 7-6 CSF<1:0>: Chip Select Function bits 11 = Reserved 10 = PMA<15> is used for Chip Select 2, PMA<14> is used for Chip Select 1 01 = PMA<15> is used for Chip Select 2, PMCS1 is used for Chip Select 1 00 = PMCS2 is used for Chip Select 2, PMCS1 is used for Chip Select 1 bit 5 ALP: Address Latch Polarity bit 1 = Active-high (PMALL, PMALH and PMALU) 0 = Active-low (PMALL, PMALH and PMALU) bit 4 ALMODE: Address Latch Strobe Mode bit 1 = Enable “smart” address strobes (each address phase is only present if the current access would cause a different address in the latch than the previous address) 0 = Disable “smart” address strobes bit 3 Unimplemented: Read as ‘0’ bit 2 BUSKEEP: Bus Keeper bit 1 = Data bus keeps its last value when not actively being driven 0 = Data bus is in a high-impedance state when not actively being driven bit 1-0 IRQM<1:0>: Interrupt Request Mode bits 11 = Interrupt is generated when Read Buffer 3 is read or Write Buffer 3 is written (Buffered PSP mode), or on a read or write operation when PMA<1:0> = 11 (Addressable PSP mode only) 10 = Reserved 01 = Interrupt is generated at the end of a read/write cycle 00 = No interrupt is generated |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |