công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC24FJ128GA310 bảng dữ liệu(PDF) 262 Page - Microchip Technology

tên linh kiện PIC24FJ128GA310
Giải thích chi tiết về linh kiện  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 bảng dữ liệu(HTML) 262 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 258Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 259Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 260Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 261Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 262Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 263Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 264Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 265Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 266Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 262
 2010-2011 Microchip Technology Inc.
REGISTER 20-8:
PMSTAT: EPMP STATUS REGISTER (SLAVE MODE ONLY)
R-0, HSC
R/W-0 HS
U-0
U-0
R-0, HSC
R-0, HSC
R-0, HSC
R-0, HSC
IBF
IBOV
—
—IB3F(1)
IB2F(1)
IB1F(1)
IB0F(1)
bit 15
bit 8
R-1, HSC
R/W-0 HS
U-0
U-0
R-1, HSC
R-1, HSC
R-1, HSC
R-1, HSC
OBE
OBUF
—
—
OB3E
OB2E
OB1E
OB0E
bit 7
bit 0
Legend:
HS = Hardware Settable bit
HSC = Hardware Settable/Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
IBF:
Input Buffer Full Status bit
1
= All writable Input Buffer registers are full
0
= Some or all of the writable Input Buffer registers are empty
bit 14
IBOV:
Input Buffer Overflow Status bit
1
= A write attempt to a full Input register occurred (must be cleared in software)
0
= No overflow occurred
bit 13-12
Unimplemented:
Read as ‘0’
bit 11-8
IB3F:IB0F:
Input Buffer x Status Full bits(1)
1
= Input buffer contains unread data (reading the buffer will clear this bit)
0
= Input buffer does not contain unread data
bit 7
OBE:
Output Buffer Empty Status bit
1
= All readable Output Buffer registers are empty
0
= Some or all of the readable Output Buffer registers are full
bit 6
OBUF:
Output Buffer Underflow Status bit
1
= A read occurred from an empty output register (must be cleared in software)
0
= No underflow occurred
bit 5-4
Unimplemented:
Read as ‘0’
bit 3-0
OB3E:OB0E:
Output Buffer x Status Empty bit
1
= Output buffer is empty (writing data to the buffer will clear this bit)
0
= Output buffer contains untransmitted data
Note 1:
Even though an individual bit represents the byte in the buffer, the bits corresponding to the word (Byte 0
and 1, or Byte 2 and 3) get cleared, even on byte reading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com