| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24FJ128GA310 bảng dữ liệu(PDF) 270 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA310 bảng dữ liệu(HTML) 270 Page - Microchip Technology |
|
270 / 406 page ![]() PIC24FJ128GA310 FAMILY DS39996F-page 270 2010-2011 Microchip Technology Inc. REGISTER 21-4: LCDSEx: LCD SEGMENT x ENABLE REGISTER REGISTER 21-5: LCDDATAx: LCD DATA x REGISTER R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 SE(n+15) SE(n+14) SE(n+13) SE(n+12) SE(n+11) SE(n+10) SE(n+9) SE(n+8) bit 15 bit 8 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 SE(n+7) SE(n+6) SE(n+5) SE(n+4) SE(n+3) SE(n+2) SE(n+1) SE(n) bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-0 SE(n + 15):SE(n) : Segment Enable bits For LCDSE0: n = 0 For LCDSE1: n = 16 For LCDSE2: n = 32 For LCDSE3: n = 48(1) 1 = Segment function of the pin is enabled, digital I/O is disabled 0 = Segment function of the pin is disabled, digital I/O is enabled Note 1: For the SEG49 to work correctly, the JTAG needs to be disabled. R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 S(n+15)Cy S(n+14)Cy S(n+13)Cy S(n+12)Cy S(n+11)Cy S(n+10)Cy S(n+9)Cy S(n+8)Cy bit 15 bit 8 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 S(n+7)Cy S(n+6)Cy S(n+5)Cy S(n+4)Cy S(n+3)Cy S(n+2)Cy S(n+1)Cy S(n)Cy bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-0 S(n + 15)Cy:S(n)Cy : Pixel On bits For registers, LCDDATA0 through LCDDATA3: n = (16x), y = 0 For registers, LCDDATA4 through LCDDATA7: n = (16(x - 4)), y = 1 For registers, LCDDATA8 through LCDDATA11: n = (16(x - 8)), y = 2 For registers, LCDDATA12 through LCDDATA15: n = (16(x - 12)), y = 3 For registers, LCDDATA16 through LCDDATA19: n = (16(x-16)), y = 4 For registers, LCDDATA20 through LCDDATA23: n = (16(x - 20)), y = 5 For registers, LCDDATA24 through LCDDATA27: n = (16(x - 24)), y = 6 For registers, LCDDATA28 through LCDDATA31: n = (16(x - 28)), y = 7 1 = Pixel is on 0 = Pixel is off |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |