| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24FJ128GA310 bảng dữ liệu(PDF) 273 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA310 bảng dữ liệu(HTML) 273 Page - Microchip Technology |
|
273 / 406 page ![]() 2010-2011 Microchip Technology Inc. DS39996F-page 273 PIC24FJ128GA310 FAMILY bit 2-0 LRLAT<2:0> : LCD Reference Ladder A Time Interval Control bits Sets the number of 32 clock counts when the A Time Interval Power mode is active. For Type-A Waveforms (WFT = 0): 111 = Internal LCD reference ladder is in A Power mode for 7 clocks and B Power mode for 9 clocks 110 = Internal LCD reference ladder is in A Power mode for 6 clocks and B Power mode for 10 clocks 101 = Internal LCD reference ladder is in A Power mode for 5 clocks and B Power mode for 11 clocks 100 = Internal LCD reference ladder is in A Power mode for 4 clocks and B Power mode for 12 clocks 011 = Internal LCD reference ladder is in A Power mode for 3 clocks and B Power mode for 13 clocks 010 = Internal LCD reference ladder is in A Power mode for 2 clocks and B Power mode for 14 clocks 001 = Internal LCD reference ladder is in A Power mode for 1 clock and B Power mode for 15 clocks 000 = Internal LCD reference ladder is always in B Power mode For Type-B Waveforms (WFT = 1): 111 = Internal LCD reference ladder is in A Power mode for 7 clocks and B Power mode for 25 clocks 110 = Internal LCD reference ladder is in A Power mode for 6 clocks and B Power mode for 26 clocks 101 = Internal LCD reference ladder is in A Power mode for 5 clocks and B Power mode for 27 clocks 100 = Internal LCD reference ladder is in A Power mode for 4 clocks and B Power mode for 28 clocks 011 = Internal LCD reference ladder is in A Power mode for 3 clocks and B Power mode for 29 clocks 010 = Internal LCD reference ladder is in A Power mode for 2 clocks and B Power mode for 30 clocks 001 = Internal LCD reference ladder is in A Power mode for 1 clock and B Power mode for 31 clocks 000 = Internal LCD reference ladder is always in B Power mode REGISTER 21-6: LCDREF: LCD REFERENCE LADDER CONTROL REGISTER (CONTINUED) Note 1: When using the external resistor ladder biasing, the LCDBIASx pins should be made analog and the respective TRIS bits should be set as inputs. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |