công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L99PM62XP bảng dữ liệu(PDF) 24 Page - STMicroelectronics

tên linh kiện L99PM62XP
Giải thích chi tiết về linh kiện  Power management IC with LIN and high speed CAN
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62XP bảng dữ liệu(HTML) 24 Page - STMicroelectronics

Back Button L99PM62XP Datasheet HTML 20Page - STMicroelectronics L99PM62XP Datasheet HTML 21Page - STMicroelectronics L99PM62XP Datasheet HTML 22Page - STMicroelectronics L99PM62XP Datasheet HTML 23Page - STMicroelectronics L99PM62XP Datasheet HTML 24Page - STMicroelectronics L99PM62XP Datasheet HTML 25Page - STMicroelectronics L99PM62XP Datasheet HTML 26Page - STMicroelectronics L99PM62XP Datasheet HTML 27Page - STMicroelectronics L99PM62XP Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 98 page
background image
Description
L99PM62XP
24/98
Doc ID 16363 Rev 3
Figure 12.
Change watchdog timing within long open window
Figure 13.
Change watchdog timing within window mode
If the device is in fail-safe mode, the control registers are locked for writing. To change the
watchdog timing out of fail-safe mode, first the fail-safe condition must be solved, respective
confirmed from the microcontroller. Afterwards the new watchdog timing can be
programmed using the sequence from
Figure 14. Since the actions to remove, a fail-safe
condition can differ from the root cause of the fail safe the following diagram shows the
general procedure how to change the watchdog timing out of fail-safe mode.
Figure 15
shows the procedure to change watchdog timing with a previous watchdog failure, since this
is a special fail-safe scenario.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98